Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD20120D Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CSD20120D
Description  RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSD20120D Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CSD20120D Datasheet HTML 1Page - List of Unclassifed Manufacturers CSD20120D Datasheet HTML 2Page - List of Unclassifed Manufacturers CSD20120D Datasheet HTML 3Page - List of Unclassifed Manufacturers CSD20120D Datasheet HTML 4Page - List of Unclassifed Manufacturers CSD20120D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PRELIMINARY
CSD20120
Page 4 • CSD20120, Rev A
Package Dimensions
Package TO-247-3
Part Number
Package
Marking
CSD20120D
TO-247-3
CSD20120
PIN 2
PIN 3
CASE
PIN 1
Q
P
N
M
L
K
J
H
U
T
S
R
A
G
F
E
D
C
B
V
Min
Max
Min
Max
A
.621
.631
15.773 16.027
B
.820
.830
20.823 21.077
C
.789
.799
20.053 20.307
D
.120
.126
3.044
3.196
E
.047
.052
1.200
1.327
F
.075
.084
1.903
2.132
G
H
.193
.203
4.903
5.157
J
.075
.081
1.904
2.056
K
19°
21°
19°
21°
L
4°
6°
4°
6°
M
2°
4°
2°
4°
N
2°
4°
2°
4°
P
.093
.097
2.349
2.451
Q
.024
.030
.600
.752
R
9°
11°
9°
11°
S
9°
11°
9°
11°
T
2°
4°
2°
4°
U
2°
4°
2°
4°
V
.140
.144
3.560
3.660
.215 TYP
5.450 TYP
POS
Inches
Millimeters
1
2
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com