Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV70HDW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAV70HDW
Description  SURFACE MOUNT SWITCHING DIODE ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV70HDW Datasheet(HTML) 2 Page - Diodes Incorporated

  BAV70HDW Datasheet HTML 1Page - Diodes Incorporated BAV70HDW Datasheet HTML 2Page - Diodes Incorporated BAV70HDW Datasheet HTML 3Page - Diodes Incorporated BAV70HDW Datasheet HTML 4Page - Diodes Incorporated BAV70HDW Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAV70HDW
Document number: DS37595 Rev. 8 - 2
2 of 5
www.diodes.com
September 2017
© Diodes Incorporated
BAV70HDW
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
RMS Reverse Voltage
VR(RMS)
71
V
Forward Continuous Current (Note 5)
IFM
250
mA
Average Rectified Output Current (Note 5)
IO
125
mA
Repetitive Peak Forward Current
IFRM
450
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0µs
@ t = 1.0ms
@ t = 1.0s
IFSM
4
1
0.5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
350
mW
Thermal Resistance, Junction to Ambient Air (Note 5)
RθJA
357
°C/W
Thermal Resistance, Junction to Solder Point
RθJSP
255
°C/W
Operating and Storage Temperature Range
TJ , TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
100
V
IR = 20µA
Forward Voltage
VF
0.715
0.855
1.0
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Reverse Current (Note 6)
IR
0.5
100
30
30
µA
µA
µA
nA
VR = 80V
VR = 80V, TJ = +150°C
VR = 25V, TJ = +150°C
VR = 25V
Total Capacitance
CT
1.5
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
tRR
4.0
ns
IF = IR = 10mA,
IRR = 0.1 x IR, RL = 100Ω
Forward Recovery Voltage
VFR

1.75
V
IF = 10mA, tR = 20ns
Notes:
5. Part is mounted on a FR-4 substrate PC board, with 1" x 1" 2oz Cu pad.
6. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com