Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW101 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAW101
Description  DUAL SURFACE MOUNT SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAW101 Datasheet(HTML) 2 Page - Diodes Incorporated

  BAW101 Datasheet HTML 1Page - Diodes Incorporated BAW101 Datasheet HTML 2Page - Diodes Incorporated BAW101 Datasheet HTML 3Page - Diodes Incorporated BAW101 Datasheet HTML 4Page - Diodes Incorporated BAW101 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAW101
Document number: DS32092 Rev. 4 - 2
2 of 5
www.diodes.com
December 2017
© Diodes Incorporated
BAW101
Maximum Ratings (@TA = 25°C unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
Single Diode
VRRM
300
600
V
Series Connection
Working Peak Reverse Voltage
DC Blocking Voltage
Single Diode
VRWM
VR
300
600
V
Series Connection
RMS Reverse Voltage
VR(RMS)
212
V
Forward Current (Note 5)
Single Diode Loaded
IF
250
140
mA
Double Diode Loaded
Non-Repetitive Peak Forward Surge Current Square Wave @ t = 1.0
s
IFSM
4.5
A
Repetitive Peak Forward Current (Note 5)
IFRM
625
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
400
mW
Thermal Resistance Junction to Ambient Air (Note 5)
RθJA
312
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = 25°C unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
300
V
IR = 100µA
Forward Voltage
VF
1.1
V
IF = 100mA
Reverse Current (Note 6)
IR

150
75
nA

µA
VR = 250V
VR = 250V, TJ = +150°C
Total Capacitance
CT
2.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
tRR
50
ns
IF = IR = 30mA,
IRR = 0.1 x IR, RL = 100Ω
Notes:
5. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/package-outlines.html.
6. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com