Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLLFSD01LPH4 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DLLFSD01LPH4
Description  ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLLFSD01LPH4 Datasheet(HTML) 2 Page - Diodes Incorporated

  DLLFSD01LPH4 Datasheet HTML 1Page - Diodes Incorporated DLLFSD01LPH4 Datasheet HTML 2Page - Diodes Incorporated DLLFSD01LPH4 Datasheet HTML 3Page - Diodes Incorporated DLLFSD01LPH4 Datasheet HTML 4Page - Diodes Incorporated DLLFSD01LPH4 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DLLFSD01LPH4
Document number: DS37663 Rev. 4 - 2
2 of 5
www.diodes.com
June 2015
© Diodes Incorporated
DLLFSD01LPH4
Maximum Ratings (@TA = +25°C, unless otherwise specified.
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
85
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
80
V
RMS Reverse Voltage
VR(RMS)
57
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
100
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
IFSM
2.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
350
mW
Thermal Resistance Junction to Ambient Air (Note 5)
RθJA
357
°C/W
Operating and Storage Temperature Range
TJ , TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
80
—
—
V
IR = 100µA
Forward Voltage
VF
—
—
—
0.62
0.74
0.94
0.7
0.82
1.20
V
IF = 1.0mA
IF = 10mA
IF = 100mA
Leakage Current (Note 6)
IR
—
—
—
5
—
—
10.0
0.1
0.2
nA
µA
µA
VR = 5V
VR = 30V
VR = 80V
Total Capacitance
CT
—
0.5
2.5
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
—
—
—
—
4.0
4.0
ns
ns
IF = 10mA, VR = 6V
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
5. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
50
100
150
200
250
300
0
350
400
450
0
25
50
75
100
125
150
Note 5
T , AMBIENT TEMPERATURE ( C)
A
Figure 1 Power Derating Curve, Total Package
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Figure 2 Typical Forward Characteristics
0.01
0.1
1
10
100
1000
0
200
400
600
800
1000
1200
1400
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com