Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS16034 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS16034
Description  IESNA Type II (medium) beam
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS16034 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS16034 Datasheet HTML 1Page - Ledil, Inc. CS16034 Datasheet HTML 2Page - Ledil, Inc. CS16034 Datasheet HTML 3Page - Ledil, Inc. CS16034 Datasheet HTML 4Page - Ledil, Inc. CS16034 Datasheet HTML 5Page - Ledil, Inc. CS16034 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
CS16034_STRADELLA-IP-28-T2
STRADELLA-IP-28-T2
IESNA Type II (medium) beam, applicable for
European P-class standard pedestrian lighting
and M-class roads. Variant made from PMMA.
TECHNICAL SPECIFICATIONS:
Dimensions
100*100 mm
Height
9.2 mm
Fastening
screw
Colour
clear
Box size
476 x 273 x 247 mm
Box weight
6.2 kg
Quantity in Box
156 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADELLA-IP-28-T2
Lens
PMMA
clear
STRADELLA-28-SEAL
Seal
Silicone
white
Last update: 11/05/2018
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CS16034

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS1600 CIRRUS-CS1600 Datasheet
251Kb / 18P
Low-cost PFC Controller for Electronic Ballasts
CS1600 CIRRUS-CS1600 Datasheet
201Kb / 18P
LOW-cost PFC Controller for Electronic Ballasts
CS1600-FSZ CIRRUS-CS1600-FSZ Datasheet
251Kb / 18P
Low-cost PFC Controller for Electronic Ballasts
CS1600-FSZ CIRRUS-CS1600-FSZ Datasheet
202Kb / 18P
Low-cost PFC Controller for Electronic Ballasts
CS1600-FSZ CIRRUS-CS1600-FSZ Datasheet
201Kb / 18P
LOW-cost PFC Controller for Electronic Ballasts
More results

Similar Description - CS16034

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16374 LEDIL-C16374 Datasheet
1Mb / 4P
IESNA Type II (medium) beam
CS15771 LEDIL-CS15771 Datasheet
3Mb / 7P
IESNA Type II (medium) beam
CS15870 LEDIL-CS15870 Datasheet
3Mb / 6P
IESNA Type II Medium beam
CS15911 LEDIL-CS15911 Datasheet
3Mb / 6P
IESNA Type II (medium) beam
CA13509 LEDIL-CA13509 Datasheet
2Mb / 7P
IESNA Type II (medium) beam
CS13756 LEDIL-CS13756 Datasheet
3Mb / 6P
Universal road lighting (IESNA Type II medium) beam
CS15066 LEDIL-CS15066 Datasheet
4Mb / 6P
IESNA Type II (medium) beam applicable
C16751 LEDIL-C16751 Datasheet
3Mb / 4P
IESNA Type II (medium) beam
C15413 LEDIL-C15413 Datasheet
2Mb / 5P
IESNA Type II (medium) beam
FN14976 LEDIL-FN14976 Datasheet
7Mb / 15P
Universal road lighting (IESNA Type II Medium) beam
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com