Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS16322 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS16322
Description  ~30째 spot beam. Variant made from PMMA.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS16322 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS16322 Datasheet HTML 1Page - Ledil, Inc. CS16322 Datasheet HTML 2Page - Ledil, Inc. CS16322 Datasheet HTML 3Page - Ledil, Inc. CS16322 Datasheet HTML 4Page - Ledil, Inc. CS16322 Datasheet HTML 5Page - Ledil, Inc. CS16322 Datasheet HTML 6Page - Ledil, Inc. CS16322 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
CS16322_STRADELLA-IP-28-HB-S
STRADELLA-IP-28-HB-S
~30° spot beam. Variant made from PMMA.
TECHNICAL SPECIFICATIONS:
Dimensions
100 x 100 mm
Height
9.5 mm
Fastening
pin, screw
Colour
clear
Box size
476 x 273 x 247 mm
Box weight
5.9 kg
Quantity in Box
156 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADELLA-IP-28-HB-S
Lens array
PMMA
clear
STRADELLA-28-SEAL
Seal
Silicone
white
Last update: 11/05/2018
Subject to change without prior notice
1/7
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CS16322

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16323 LEDIL-CS16323 Datasheet
6Mb / 8P
~65째 medium beam. Variant made from PMMA.
CS16324 LEDIL-CS16324 Datasheet
6Mb / 7P
~90째 wide beam. Variant made from PMMA.
CS16328 LEDIL-CS16328 Datasheet
6Mb / 6P
~30째 spot beam. Variant made from PC.
CS16329 LEDIL-CS16329 Datasheet
6Mb / 6P
~65째 medium beam. Variant made from PC.
More results

Similar Description - CS16322

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCA14933 LEDIL-FCA14933_18 Datasheet
4Mb / 5P
~30째 spot beam
CS16323 LEDIL-CS16323 Datasheet
6Mb / 8P
~65째 medium beam. Variant made from PMMA.
CS16324 LEDIL-CS16324 Datasheet
6Mb / 7P
~90째 wide beam. Variant made from PMMA.
CS16328 LEDIL-CS16328 Datasheet
6Mb / 6P
~30째 spot beam. Variant made from PC.
C14406 LEDIL-C14406 Datasheet
1Mb / 4P
~50째 wide beam. Variant made from PC.
C14729 LEDIL-C14729 Datasheet
6Mb / 5P
~10째 spot beam. Variant made from PC.
C17264 LEDIL-C17264 Datasheet
2Mb / 3P
~25째 spot beam for industrial applications. Variant made from PC.
CS16188 LEDIL-CS16188 Datasheet
4Mb / 6P
~30째 115째 oval beam. Variant made from PC.
CS17088 LEDIL-CS17088 Datasheet
3Mb / 7P
~20째 spot beam. Variant made from PC.
CA16338 LEDIL-CA16338 Datasheet
1Mb / 4P
~17째 spot beam. Variant made from PC.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com