Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2SW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D2SW
Description  Watertight Miniature Basic Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D2SW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D2SW Datasheet HTML 1Page - List of Unclassifed Manufacturers D2SW Datasheet HTML 2Page - List of Unclassifed Manufacturers D2SW Datasheet HTML 3Page - List of Unclassifed Manufacturers D2SW Datasheet HTML 4Page - List of Unclassifed Manufacturers D2SW Datasheet HTML 5Page - List of Unclassifed Manufacturers D2SW Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
127
Watertight Miniature Basic Switch
D2SW
A High-quality Watertight Miniature
Basic Switch Conforms to IP67
Monoblock construction assures high sealing
capability and is ideal for dusty places or where
water is sprayed.
A wide operating temperature range of –40
°C to
85
°C is ideal for any operating environment.
Ideal for the automobile, agricultural machinery,
automatic vending machine, refrigerator, ice-
manufacturing, bath equipment, hot-water supply,
air conditioner, and factory machine industries,
which require highly environment-resistive capabil-
ities.
RC
D E
V
Ordering Information
Model
Actuator
3 A
0.1A
Pin plunger
Solder terminals
D2SW-3H
D2SW-01H (see note 2)
pu ge
Tab terminals (#110)
D2SW-3T
D2SW-01T
PCB terminals
D2SW-3D
D2SW-01D
With lead wires
D2SW-3M (see note 3)
D2SW-01M (see note 3)
Hinge lever
Solder terminals
D2SW-3L1H
D2SW-01L1H (see note 2)
geee
Tab terminals (#110)
D2SW-3L1T
D2SW-01L1T
PCB terminals
D2SW-3L1D
D2SW-01L1D
With lead wires
D2SW-3L1M (see note 3)
D2SW-01L1M (see note 3)
Simulated hinge lever
Solder terminals
D2SW-3L3H
D2SW-01L3H (see note 2)
S
u a ed
geee
Tab terminals (#110)
D2SW-3L3T
D2SW-01L3T
PCB terminals
D2SW-3L3D
D2SW-01L3D
With lead wires
D2SW-3L3M (see note 3)
D2SW-01L3M (see note 3)
Hinge roller lever
Solder terminals
D2SW-3L2H
D2SW-01L2H (see note 2)
ge oe
ee
Tab terminals (#110)
D2SW-3L2T
D2SW-01L2T
PCB terminals
D2SW-3L2D
D2SW-01L2D
With lead wires
D2SW-3L2M (see note 3)
D2SW-01L2M (see note 3)
Note:
1. The standard lengths of the lead wires (AV0.5f) of models incorporating them are 30 cm.
2. EN61058-1 (IEC1058-1) approved by VDE.
3. UL/CSA approved lead-wired models use UL/CSA approved lead wire. Model name changes from D2SW-
jM to D2SW-jMS.
Distributed by: Diamond Electronics Ltd
Tel: +44(0)1477 500450 Fax: +44(0)1477 500656 Mail: sales@diamondelec.co.uk
Web: www.diamondelec.co.uk


Similar Part No. - D2SW

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2SW OMRON-D2SW Datasheet
613Kb / 8P
Sealed Snap Action Switch
D2SW-01DS OMRON-D2SW-01DS Datasheet
613Kb / 8P
Sealed Snap Action Switch
D2SW-01DS OMRON-D2SW-01DS Datasheet
549Kb / 8P
Sealed Snap Action Switch
D2SW-01HS OMRON-D2SW-01HS Datasheet
613Kb / 8P
Sealed Snap Action Switch
D2SW-01HS OMRON-D2SW-01HS Datasheet
549Kb / 8P
Sealed Snap Action Switch
More results

Similar Description - D2SW

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
Miniature Basic Switch
logo
Honeywell Solid State E...
V15W11-EZ200-W3 HONEYWELL-V15W11-EZ200-W3 Datasheet
277Kb / 6P
MICRO SWITCH??V15W Series Watertight Miniature Switches
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
Miniature Basic Switch
logo
List of Unclassifed Man...
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
Miniature Basic Switch
logo
Omron Electronics LLC
D2MV OMRON-D2MV Datasheet
1Mb / 5P
Miniature Basic Switch
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
MICRO SWITCH Premium Miniature Basic Switches
logo
Hammond Manufacturing L...
1551W HAMMOND-1551W Datasheet
159Kb / 1P
Watertight Polycarbonate Miniature Enclosures
7/24/22
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
Miniature Basic Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com