Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2283PVC-2 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2283PVC-2
Description  PentiumII, K6, 6x86 100-MHz Clock Synthesizer/Driver for Desktop PCs with ALI or VIA Chipsets, AGP and 3 DIMMs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2283PVC-2 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY2283PVC-2 Datasheet HTML 3Page - Cypress Semiconductor CY2283PVC-2 Datasheet HTML 4Page - Cypress Semiconductor CY2283PVC-2 Datasheet HTML 5Page - Cypress Semiconductor CY2283PVC-2 Datasheet HTML 6Page - Cypress Semiconductor CY2283PVC-2 Datasheet HTML 7Page - Cypress Semiconductor CY2283PVC-2 Datasheet HTML 8Page - Cypress Semiconductor CY2283PVC-2 Datasheet HTML 9Page - Cypress Semiconductor CY2283PVC-2 Datasheet HTML 10Page - Cypress Semiconductor CY2283PVC-2 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CY2283
PRELIMINARY
7
Switching Characteristics for CY2283-2
Parameter
Output
Description
Test Conditions
Min.
Typ.
Max.
Unit
t1
All
Output Duty Cycle
t1 = t1A ÷ t1B
TBD
TBD
TBD
%
t2
CPUCLK
CPU Clock Rising and
Falling Edge Rate
Between 0.4V and 2.0V, VDDCPU = 2.5V
Between 0.4V and 2.4V, VDDCPU = 3.3V
TBD
TBD
TBD
V/ns
t2
SDRAM,
AGP, REF0
SDRAM, AGP, REF0 Clock
Rising and Falling Edge
Rate
Between 0.4V and 2.4V
TBD
TBD
TBD
V/ns
t2
PCI
PCI Rising and Falling
Edge Rate
Between 0.4V and 2.4V
TBD
TBD
TBD
V/ns
t3
CPUCLK
CPU Clock Rise Time
Between 0.4V and 2.0V, VDDCPU = 2.5V
Between 0.4V and 2.4V, VDDCPU = 3.3V
TBD
TBD
TBD
ns
t4
CPUCLK
CPU Clock Fall Time
Between 2.0V and 0.4V, VDDCPU = 2.5V
Between 2.4V and 0.4V, VDDCPU = 3.3V
TBD
TBD
TBD
ns
t5
CPUCLK
CPU-CPU Clock Skew
Measured at 1.25V, VDDCPU = 2.5V
Measured at 1.5V, VDDCPU = 3.3V
TBD
TBD
TBD
ps
t6
CPUCLK,
PCICLK
CPU-PCI Clock Skew
Measured at 1.25V for 2.5V clocks, and
at 1.5V for 3.3V clocks
TBD
TBD
TBD
ns
t7
CPUCLK,
SDRAM
CPU-SDRAM Clock Skew
Measured at 1.25V for 2.5V clocks, and
at 1.5V for 3.3V clocks
TBD
TBD
TBD
ps
t8
PCICLK,
PCICLK
PCI-PCI Clock Skew
Measured at 1.5V
TBD
TBD
TBD
ps
t9
PCICLK,
AGP
PCI-AGP Clock Skew
Measured at 1.5V
TBD
TBD
TBD
ps
t10
CPUCLK,
SDRAM
Cycle-Cycle Clock Jitter
Measured at 1.25V for 2.5V clocks, and
at 1.5V for 3.3V clocks
TBD
TBD
TBD
ps
t10
PCICLK
Cycle-Cycle Clock Jitter
Measured at 1.5V
TBD
TBD
TBD
ps
t10
AGP
Cycle-Cycle Clock Jitter
Measured at 1.5V
TBD
TBD
TBD
ps
t11
CPUCLK,
PCICLK,
AGP,SDRAM
Power-up Time
CPU, PCI, AGP, and SDRAM clock sta-
bilization from power-up
TBD
TBD
TBD
ms
Timing Requirement for the I
2C Bus
Parameter
Description
Min.
Max.
Unit
t12
SCLK Clock Frequency
0
100
kHz
t13
Time the bus must be free before a new transmission can start
4.7
µs
t14
Hold time start condition. After this period the first clock pulse is generated.
4
µs
t15
The LOW period of the clock
4.7
µs
t16
The HIGH period of the clock
4
µs
t17
Set-up time for start condition. (Only relevant for a repeated start condition.)
4.7
µs
t18
Hold time DATA
for CBUS compatible masters
for I2C devices
5
0
µs
t19
DATA input set-up time
250
ns
t20
Rise time of both SDATA and SCLK inputs
1
µs
t21
Fall time of both SDATA and SCLK inputs
300
ns
t22
Set-up time for stop condition
4.0
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com