Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2SW-3H Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # D2SW-3H
Description  Watertight Miniature Basic Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D2SW-3H Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  D2SW-3H Datasheet HTML 1Page - List of Unclassifed Manufacturers D2SW-3H Datasheet HTML 2Page - List of Unclassifed Manufacturers D2SW-3H Datasheet HTML 3Page - List of Unclassifed Manufacturers D2SW-3H Datasheet HTML 4Page - List of Unclassifed Manufacturers D2SW-3H Datasheet HTML 5Page - List of Unclassifed Manufacturers D2SW-3H Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
D2SW
D2SW
129
Characteristics
Item
D2SW-3
D2SW-01
Operating speed
(see note)
0.1 mm to 1 m/s (at pin plunger)
Operating frequency
Mechanical: 300 operations/min
Electrical:
60 operations/min
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
50 m
Ω max. (initial value) for lead wire models
70 m
Ω max. (initial value) for lead wire models
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min between contacts of
the same polarity
1,500 VAC, 50/60 Hz for 1 min between
current-carrying metal parts and ground, and between
each terminal and non-current-carrying metal part
600 VAC, 50/60 Hz for 1 min between contacts
of the same polarity
1,500 VAC, 50/60 Hz for 1 min between
current-carrying metal parts and ground, and
between each terminal and non-current-carrying
metal part
Inrush current
NO: 10 A
NC: 20 A
NO: 1 A
NC: 1 A
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Malfunction: 300 m/s2 (approx. 30G)
Life expectancy
Mechanical: 5,000,000 operations min. (OT value)
Electrical:
200,000 operations min. (3 A at
125 VAC), 100,000 operations min. (2 A at 250 VAC)
Mechanical: 5,000,000 operations min.
(OT value)
Electrical:
200,000 operations min.
Ambient temperature
Operating: –40
°C to 85°C (with no icing)
Ambient humidity
Operating: 95% max.
Enclosure ratings
IP67 for lead wire models
IP50 for terminal models
Weight
Terminal model: 2 g, Lead wire model: 10 g
Note:
The operating speed value shown is for pin plunger models. For hinge lever models, this speed is for the plunger parts.
VDE-approved Characteristics (EN61058-1)
Degree of protection against
electric shock
Class 1
Ambient temperature
0
°C to 85°C
Operating cycles
50,000
Proof tracking index (PTI)
175 V
Switch category (IEC335-1)
A
Operating Characteristics
Type
Pin plunger
Hinge lever
Simulated hinge lever
Hinge roller lever
D2SW-3
j
D2SW-01
j
D2SW-3L1
j
D2SW-01L1
j
D2SW-3L3
j
D2SW-01L3
j
D2SW-3L2
j
D2SW-01L2
j
OF max.
1.77 N (180 gf)
0.59 N (60 gf)
0.59 N (60 gf)
0.59 N (60 gf)
RF min.
0.29 N (30 gf)
0.06 N (6 gf)
0.06 N (6 gf)
0.06 N (6 gf)
PT max.
0.6 mm
---
---
---
OT min.
0.5 mm
1.0 mm
1.0 mm
1.0 mm
MD max.
0.1 mm
0.8 mm
0.8 mm
0.8 mm
FP max.
---
13.6 mm
15.5 mm
19.3 mm
OP
8.4
±0.3 mm
8.8
±0.8 mm
10.7
±0.8 mm
14.5
±0.8 mm
Distributed by: Diamond Electronics Ltd
Tel: +44(0)1477 500450 Fax: +44(0)1477 500656 Mail: sales@diamondelec.co.uk
Web: www.diamondelec.co.uk



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com