Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS10R06VE3 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # FS10R06VE3
Description  IGBT-Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS10R06VE3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  FS10R06VE3 Datasheet HTML 1Page - Infineon Technologies AG FS10R06VE3 Datasheet HTML 2Page - Infineon Technologies AG FS10R06VE3 Datasheet HTML 3Page - Infineon Technologies AG FS10R06VE3 Datasheet HTML 4Page - Infineon Technologies AG FS10R06VE3 Datasheet HTML 5Page - Infineon Technologies AG FS10R06VE3 Datasheet HTML 6Page - Infineon Technologies AG FS10R06VE3 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
TechnischeInformation/TechnicalInformation
FS10R06VE3
IGBT-Module
IGBT-modules
preparedby:DPK
approvedby:RK
dateofpublication:2013-10-03
revision:2.1
VorläufigeDaten
PreliminaryData
SchaltverlusteIGBT,Wechselrichter(typisch)
switchinglossesIGBT,Inverter(typical)
Eon=f(RG),Eoff=f(RG)
VGE=±15V,IC=10A,VCE=300V
RG [
Ω]
0
30
60
90
120 150 180 210 240 270 300
0,0
0,2
0,4
0,6
0,8
1,0
Eon, Tvj = 125°C
Eoff, Tvj = 125°C
Eon, Tvj = 150°C
Eoff, Tvj = 150°C
TransienterWärmewiderstandIGBT,Wechselrichter
transientthermalimpedanceIGBT,Inverter
ZthJH=f(t)
t [s]
0,001
0,01
0,1
1
10
0,1
1
10
ZthJH : IGBT
i:
ri[K/W]:
τi[s]:
1
0,3331223
0,0005
2
0,7552414
0,005
3
1,275923
0,05
4
1,335714
0,2
SichererRückwärts-ArbeitsbereichIGBT,Wechselrichter
(RBSOA)
reversebiassafeoperatingareaIGBT,Inverter(RBSOA)
IC=f(VCE)
VGE=±15V,RGoff=27
Ω,Tvj=150°C
VCE [V]
0
200
400
600
800
0
2
4
6
8
10
12
14
16
18
20
22
IC, Modul
IC, Chip
DurchlasskennliniederDiode,Wechselrichter(typisch)
forwardcharacteristicofDiode,Inverter(typical)
IF=f(VF)
VF [V]
0,0 0,2 0,4 0,6 0,8 1,0 1,2 1,4 1,6 1,8 2,0 2,2
0
2
4
6
8
10
12
14
16
18
20
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com