Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS15R12VT3 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # FS15R12VT3
Description  IGBT-Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS15R12VT3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  FS15R12VT3 Datasheet HTML 1Page - Infineon Technologies AG FS15R12VT3 Datasheet HTML 2Page - Infineon Technologies AG FS15R12VT3 Datasheet HTML 3Page - Infineon Technologies AG FS15R12VT3 Datasheet HTML 4Page - Infineon Technologies AG FS15R12VT3 Datasheet HTML 5Page - Infineon Technologies AG FS15R12VT3 Datasheet HTML 6Page - Infineon Technologies AG FS15R12VT3 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
TechnischeInformation/TechnicalInformation
FS15R12VT3
IGBT-Module
IGBT-modules
preparedby:DPK
approvedby:IG
dateofpublication:2013-10-03
revision:2.0
VorläufigeDaten
PreliminaryData
SchaltverlusteIGBT,Wechselrichter(typisch)
switchinglossesIGBT,Inverter(typical)
Eon=f(RG),Eoff=f(RG)
VGE=±15V,IC=15A,VCE=600V
RG [
Ω]
50
140
230
320
410
500
590
680
0
1
2
3
4
5
6
7
8
9
10
11
12
Eon, Tvj = 125°C
Eoff, Tvj = 125°C
TransienterWärmewiderstandIGBT,Wechselrichter
transientthermalimpedanceIGBT,Inverter
ZthJH=f(t)
t [s]
0,001
0,01
0,1
1
10
0,01
0,1
1
10
ZthJH : IGBT
i:
ri[K/W]:
τi[s]:
1
0,144
0,00045
2
0,38
0,01
3
1,064
0,1198
4
0,342
0,178
SichererRückwärts-ArbeitsbereichIGBT,Wechselrichter
(RBSOA)
reversebiassafeoperatingareaIGBT,Inverter(RBSOA)
IC=f(VCE)
VGE=±15V,RGoff=62
Ω,Tvj=125°C
VCE [V]
0
200
400
600
800
1000
1200
1400
0
3
6
9
12
15
18
21
24
27
30
33
IC, Modul
IC, Chip
DurchlasskennliniederDiode,Wechselrichter(typisch)
forwardcharacteristicofDiode,Inverter(typical)
IF=f(VF)
VF [V]
0,0
0,5
1,0
1,5
2,0
2,5
0
3
6
9
12
15
18
21
24
27
30
Tvj = 25°C
Tvj = 125°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com