Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SYM-R252HW Datasheet(PDF) 2 Page - Mini-Circuits

Part # SYM-R252HW
Description  High Reliability Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SYM-R252HW Datasheet(HTML) 2 Page - Mini-Circuits

  SYM-R252HW Datasheet HTML 1Page - Mini-Circuits SYM-R252HW Datasheet HTML 2Page - Mini-Circuits SYM-R252HW Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
Level 17 (LO Power +17 dBm) 10 to 2500 MHz
High Reliability Mixer
Demo Board MCL P/N: TB-12
Suggested PCB Layout (PL-079)
Maximum Ratings
Pin Connections
LO
2
RF
1
IF
3
GROUND
4,5,6
REV. A
M151107
SYM-R252HW+
ED14689/1
DJ/TD/CP/AM
160516
LO
IF
RF
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+17dBm
LO
+17dBm
LO
+17dBm
LO
+17dBm
LO
+17dBm
Typical Performance Data
Electrical Schematic
SYM-R252HW+
Features
• wideband, 10 to 2500 MHz
• good L-R isolation, 40 dB typ.
• good L-I isolation, 40 dB typ.
• high IP3, 23 dBm typ.
• hermetically sealed ceramic quad
Applications
• CDMA
• GSM
• DCS
• PCN
• Base station
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
200mW
IF Current
40mA
40.10
10.00
6.24
34.15
44.21
1.04
1.70
100.10
70.00
6.36
34.16
45.12
1.03
1.62
500.10
470.00
6.69
33.15
43.54
1.23
1.65
800.10
770.00
6.71
33.73
41.53
1.51
1.64
900.10
870.00
6.68
34.17
42.23
1.62
1.63
1000.10
970.00
6.66
35.58
41.39
1.68
1.60
1200.10
1170.00
6.50
38.88
41.48
1.80
1.58
1300.10
1270.00
6.41
41.19
44.24
1.81
1.59
1400.10
1370.00
6.33
44.46
44.18
1.77
1.62
1500.10
1470.00
6.29
44.97
42.19
1.72
1.65
1600.10
1570.00
6.30
47.33
41.51
1.64
1.65
1700.10
1670.00
6.37
51.03
42.00
1.60
1.66
1800.10
1770.00
6.50
57.24
41.32
1.65
1.67
1900.10
1870.00
6.75
51.76
40.12
1.69
1.65
2000.10
1970.00
7.07
45.66
38.89
1.80
1.63
2100.10
2070.00
7.32
41.25
38.08
1.91
1.60
2200.10
2170.00
7.50
38.05
38.05
1.91
1.56
2300.10
2270.00
7.69
36.33
38.24
1.90
1.52
2400.10
2370.00
7.75
35.35
38.66
1.90
1.50
2530.10
2500.00
7.52
34.20
40.40
1.72
1.50
Outline Drawing
Permanent damage may occur if any of these limits are exceeded.
Electrical Specifications at 25°C
Parameter
Min.
Typ.
Max.
Unit
Frequency Range, RF
10
—
2500
MHz
Frequency Range, LO
10
—
2500
MHz
Frequency Range, IF
10
—
500
MHz
Conversion Loss
—
6.5
9.1
dB
LO to RF Isolation
24
40
—
dB
LO to IF Isolation
28
40
—
dB
IP3
—
23
—
dBm
RF Input Power at 1 dB Compression
—
+14
—
dBm
Outline Dimensions (
)
inch
mm
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
A
B
C
D
E
F
G
H
J
K
.38
.50
.23 .020 .075 .250 .425 .187 .050 .050
9.65 12.70
5.84
0.51
1.91
6.35 10.80
4.75
1.27
1.27
L
M
N
P
Q
R
S
T
wt.
.070 .270 .540 .060 .095 .445 .208 .415
grams
1.78
6.86 13.72
1.52
2.41 11.30
5.28 10.54
0.8
CASE STYLE: TTT881
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
10, 20, 50, 100, 200
13”
500



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com