Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SYM-R252HW+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # SYM-R252HW+
Description  High Reliability Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SYM-R252HW+ Datasheet(HTML) 1 Page - Mini-Circuits

  SYM-R252HW+ Datasheet HTML 1Page - Mini-Circuits SYM-R252HW+ Datasheet HTML 2Page - Mini-Circuits SYM-R252HW+ Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 3
The Big Deal
• High reliability with hermetically sealed ceramic quads
• Wideband, 10 to 2500 MHz
• Low conversion loss, 6.5 dB
• High IP3, +23 dBm
• High isolation, 40 dB L-R, 40 dB L-I typ.
Product Overview
Mini-Circuits SYM-R252HW+ is a surface mount, level 17 Schottky-diode-based triple balanced frequency
mixer with an RF/LO frequency range from 10 to 2500 MHz and an IF bandwidth of 10 to 500 MHz. This
model utilizes hermetically sealed ceramic quads to provide high reliability for use in harsh operating
conditions. It provides an outstanding combination of low conversion loss, high IP3, and excellent L-R
and L-I isolation. The mixer comes housed in a miniature shielded package (0.38 x 0.50 x 0.23”), saving
space in tight PCB layouts.
Key Features
Feature
Advantages
Hermetically sealed ceramic quads
Provides high reliability for applications in harsh operating conditions.
High IP3, +23 dBm typ.
Minimizes third order intermodulation products and improves dynamic range in demand-
ing environments where multiple carriers may be present.
Low conversion loss, 6.5 dB
Preserves signal integrity from input to output by reducing undesirable signal loss that can
degrade system performance and enables lower NF front ends, improving system sensitiv-
ity.
Good P1dB compression,
+14 dBm at input
Results in excellent linearity and high dynamic range.
High L-R and L-I isolation,
• L-R, 40 dB typ.
• L-I, 40 dB typ.
Reduces undesired signal crosstalk that can interfere with system performance.
Small size (0.38 x 0.50 x 0.23”)
Saves PCB real estate and accommodates crowded layouts.
SYM-R252HW+
Level 17 (LO Power +17 dBm) 10 to 2500 MHz
High Reliability Mixer
CASE STYLE: TTT881


Similar Part No. - SYM-R252HW+

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SYM-001T-0.6 ETC1-SYM-001T-0.6 Datasheet
38Kb / 2P
Disconnectable Crimp style Wire-to-wire connectors
SYM-001T-P0.6 ETC1-SYM-001T-P0.6 Datasheet
38Kb / 2P
Disconnectable Crimp style Wire-to-wire connectors
SYM-001T-P0.6 ETC2-SYM-001T-P0.6 Datasheet
224Kb / 8P
APPLICATION TOOLING
SYM-001T-P0.6 ETC2-SYM-001T-P0.6 Datasheet
70Kb / 6P
Crimping tools
logo
JST Mfg. Co., Ltd.
SYM-001T-P0.6 JST-SYM-001T-P0.6 Datasheet
86Kb / 2P
Disconnectable Crimp style Wire-to-wire connectors
More results

Similar Description - SYM-R252HW+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R30W+ MINI-ADE-R30W+ Datasheet
233Kb / 2P
High Reliability Mixer
ADE-R272MH MINI-ADE-R272MH Datasheet
236Kb / 2P
High Reliability Mixer High Reliability Mixer
logo
International Rectifier
ASA2812S IRF-ASA2812S Datasheet
104Kb / 5P
HYBRID-HIGH RELIABILITY HYBRID-HIGH RELIABILITY
logo
Inchange Semiconductor ...
2SC2166 ISC-2SC2166 Datasheet
187Kb / 2P
High Reliability
logo
Mini-Circuits
ADE-R2ASK MINI-ADE-R2ASK Datasheet
308Kb / 2P
High Reliability Mixer
ADE-R2ASKLH MINI-ADE-R2ASKLH Datasheet
310Kb / 2P
High Reliability Mixer
ADE-R11XLH MINI-ADE-R11XLH Datasheet
303Kb / 2P
High Reliability Mixer
ADE-R30W MINI-ADE-R30W Datasheet
302Kb / 2P
High Reliability Mixer
ADE-R30WLH MINI-ADE-R30WLH Datasheet
302Kb / 2P
High Reliability Mixer
ADEX-R10 MINI-ADEX-R10 Datasheet
299Kb / 2P
High Reliability Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com