Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMP8154 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HMP8154
Description  NTSC/PAL Encoders
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMP8154 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HMP8154 Datasheet HTML 17Page - Renesas Technology Corp HMP8154 Datasheet HTML 18Page - Renesas Technology Corp HMP8154 Datasheet HTML 19Page - Renesas Technology Corp HMP8154 Datasheet HTML 20Page - Renesas Technology Corp HMP8154 Datasheet HTML 21Page - Renesas Technology Corp HMP8154 Datasheet HTML 22Page - Renesas Technology Corp HMP8154 Datasheet HTML 23Page - Renesas Technology Corp HMP8154 Datasheet HTML 24Page - Renesas Technology Corp HMP8154 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
HMP8154, HMP8156A
FN4343 Rev.5.00
Page 21 of 34
August 20, 2009
TABLE 18. HOST CONTROL REGISTER
SUB ADDRESS = 0FH
BIT
NUMBER
FUNCTION
DESCRIPTION
RESET
STATE
7
Software Reset
Setting this bit to “1” initiates a software reset. It is automatically reset to a “0” after the reset
sequence is complete.
0B
6
Power Down Enable
0 = Normal operation
1 = Power down mode
0B
5NTSC/PAL 2
Output Mode
0 = Enabled
1 = Disabled
0B
4
Closed Caption
Line 21
Write Status
0 = Caption_21A and Caption_21B data registers contain unused data
1 = Data has been output, host processor may now write to the registers
1B
3
Closed Caption
Line 284
Write Status
0 = Caption_284A and Caption_284B data registers contain unused data
1 = Data has been output, host processor may now write to the registers
1B
2NTSC/PAL 1
Output Mode
0 = Enabled
1 = Disabled
0B
1Y/G
Output Mode
0 = Enabled
1 = Disabled
0B
0C/B
Output Mode
0 = Enabled
1 = Disabled
0B
TABLE 19. CLOSED CAPTION_21A DATA REGISTER
SUB ADDRESS = 10H
BIT
NUMBER
FUNCTION
DESCRIPTION
RESET
STATE
7-0
Line 21 Caption
Data
(First Byte)
This register is cascaded with the closed caption_21B data register and they are read out
serially as 16 bits during line 18, 21, or 22 if line 21 captioning is enabled. Bit D0 of the 21A
data register is shifted out first.
80H
TABLE 20. CLOSED CAPTION_21B DATA REGISTER
SUB ADDRESS = 11H
BIT
NUMBER
FUNCTION
DESCRIPTION
RESET
STATE
7-0
Line 21 Caption
Data
(Second Byte)
This register is cascaded with the closed caption_21A data register and they are read out
serially as 16 bits during line 18, 21, or 22 if line 21 captioning is enabled. Bit D0 of the 21A
data register is shifted out first.
80H
TABLE 21. CLOSED CAPTION_284A DATA REGISTER
SUB ADDRESS = 12H
BIT
NUMBER
FUNCTION
DESCRIPTION
RESET
STATE
7-0
Line 284 Caption
Data
(First Byte)
This register is cascaded with the closed caption_284B data register and they are read out
serially as 16 bits during line 281, 284, or 335 if line 284 captioning is enabled. Bit D0 of the
284A data register is shifted out first.
80H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com