Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRS-N-R010 Datasheet(PDF) 4 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # BRS-N-R010
Description  PRECISION RESISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

BRS-N-R010 Datasheet(HTML) 4 Page - Isabellenhütte Heusler GmbH & Co. KG

  BRS-N-R010 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG BRS-N-R010 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG BRS-N-R010 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG BRS-N-R010 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG BRS-N-R010 Datasheet HTML 5Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4 /5
ISA-WELD® // PrEcISIon rESIStorS
BrS // SIzE 3812
Isabellenhütte Heusler GmbH & co. KG // sales.components@isabellenhuette.de // Issue 28-Oktober-2014 // current valid issue: see www.isabellenhuette.de
4 W type broaden layout upon request
Mechanical dimensions and Pcb-layout proposal, (Reflow-soldering) [mm] // Drawing no. Z-YX-288a
Resistor type
L
W
H
A
BrS-z-r002
9.7 ±0.3
3.15 ±0.5
3.1 ±0.3
4.15 ±0.25
BrS-M-r003
9.67 ±0.3
3.15 ±0.5
3.09 ±0.3 4.15 ±0.25
BrS-n-r010
9.5 ±0.3
3.15 ±0.5
3.8 ±0.3
4.15 ±0.25
BrS-A-r025
9.18 ±0.3
3.15 ±0.5
2.68 ±0.3 4.15 ±0.25
Solder pad type
l
w
a
BrS-z-r002
10.5
3.5
3.7
BrS-M-r003
10.47
3.5
3.7
BrS-n-r010
10.3
3.5
3.7
BrS-A-r025
9.88
3.5
3.7
Specification
Parameters
Test conditions
Specified values
temperature cycling
2000 cycles (-55 °c to +150 °c)
±1.0 %
Low temperature Storage and operation
-65 °c for 24 h
±0.2 %
resistance to Soldering Heat
260 °c for 10 sec / 8h steam aging
n.a.
Moisture resistance
MIL-StD-202 method 106
±0.2 %
Mechanical Shock
100 g, 6 ms half sine
±0.5 %
Vibration, High Frequency
20 g, 10-2000 Hz
±0.5 %
operational Life
2000 h, tK max at nominal load
±2.0 % (tK = 120 °c)
High temperature Exposure
2000 h / 170 °c
±2.0 %
Bias Humidity
+85 °c, 85 r.F., 1000 h
±0.5 %



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com