Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM134B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DM134B
Description  16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM134B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DM134B Datasheet HTML 1Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 2Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 3Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 4Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 5Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 6Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 7Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 8Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DM134B
、
、
、
、DM135B
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-1-
Version
:
:
:
:A.001
Preliminary
DM134B、
、
、
、DM135B
16-Bit Constant Current LED Drivers with
3.3v ~ 5v Supply Voltage
General Description
The DM134B、DM135B are constant current drivers specifically designed for LED display
applications. The value of constant current can be varied using an external resistor. The devices
include a 16-bit shift register, latches, and constant current drivers on a single Silicon CMOS
chip.
Features
3.3V~5V CMOS Compatible Input
Maximum Clock Frequency: 25MHz (Cascade Operation)
Maximum Output Voltage:
17V
Package:
DIP24, SOP24, SSOP24, QFN32
Package and Pin Layout:
Pin layout and functionality are similar to those of the ST2221C.
(Each characteristic value is different.)
Constant Current Matching: (Ta = 25
°C、VDD = 5.0V)
Chip-to-Chip:
± 10.0%
Bit-to-Bit:
DM134B:
± 4.0% @ IOUT = 30 ~ 90mA
± 6.0% @ IOUT = 20 ~ 30mA
DM135B:
± 4.0% @ IOUT = 20 ~ 60mA
± 6.0% @ IOUT = 5 ~ 20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com