Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVB-V-R002 Datasheet(PDF) 3 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # BVB-V-R002
Description  PRECISION RESISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

BVB-V-R002 Datasheet(HTML) 3 Page - Isabellenhütte Heusler GmbH & Co. KG

  BVB-V-R002 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG BVB-V-R002 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG BVB-V-R002 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG BVB-V-R002 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 /4
ISA-WELD® // PrEcISIon rESIStorS
BVB // Size 2725
Isabellenhütte Heusler GmbH & co. KG // sales.components@isabellenhuette.de // Issue 18-February-2016 // current valid issue: see www.isabellenhuette.de
Stability < 1.0% (in covered condition)
Power derating curve at 70 °C
Example: BVB-I-R002
terminal temperature tK [°C]
Power derating curve at 100 °C
Example: BVB-Z-R0005
Stability < 1.0% (in covered condition)
Stability < 0.5%
P [W]/Pnom
0
0,25
0,5
0,75
1
1,25
0
20
40
60
80
100
120
140
160
180
terminal temperature tK [°C]
Temperature dependence of the electrical resistance
of MAngAnIn® resistors
Limiting curve
typical temperature dependence of a BVB resistor
dr/r20 [%]
Temperature [°C]
Temperature dependence of the electrical resistance
of ZERAnIn® resistors
dr/r20 [%]
Temperature [°C]
0
0,25
0,5
0,75
1
1,25
0
20
40
60
80
100
120
140
160
180
70
P [W]/Pnom
Temperature dependence of the electrical resistance
of ISAOHM® resistors
Limiting curve
typical temperature dependence of a BVB resistor
dr/r20 [%]
Temperature [°C]
Temperature dependence of the electrical resistance
of nOVEnTIn® resistors
dr/r20 [%]
Temperature [°C]
-2,0
-1,6
-1,2
-0,8
-0,4
0,0
0,4
0,8
1,2
1,6
2,0
-55
-30
-5
20
45
70
95
120
145
170
-2,0
-1,6
-1,2
-0,8
-0,4
0,0
0,4
0,8
1,2
1,6
2,0
-55
-30
-5
20
45
70
95
120
145
170
-2,00
-1,50
-1,00
-0,50
0,00
0,50
1,00
1,50
2,00
-55
-30
-5
20
45
70
95
120
145
170
-2,0
-1,6
-1,2
-0,8
-0,4
0,0
0,4
0,8
1,2
1,6
2,0
-55
-30
-5
20
45
70
95
120
145
170
Limiting curve
typical temperature dependence of a BVB resistor
Limiting curve
typical temperature dependence of a BVB resistor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com