Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVF-V-R001 Datasheet(PDF) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # BVF-V-R001
Description  PRECISION RESISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

BVF-V-R001 Datasheet(HTML) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

  BVF-V-R001 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG BVF-V-R001 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG BVF-V-R001 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG BVF-V-R001 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 /4
ISA-WELD® // PRECISION RESISTORS
Isabellenhütte Heusler GmbH & Co. KG // sales.components@isabellenhuette.de // Issue 31-March-2017
BVF // Size 1213
Recommended solder profile
Reflow- and IR-soldering
Temperature
°C
260
255
217
Time
sec
peak
40
90
Tape and reel information
Specification
DIN EN 60286-3
Tape width
mm
12
Parts per reel
pcs
5000
Specification
Parameters
Test conditions
Specified values
Temperature Cycling
2000 cycles (-55 °C to +150 °C)
±1.0 %
Low Temperature Storage and Operation
-65 °C for 250 h
±0.1 %
Resistance to Soldering Heat
260 °C for 10 sec / 8h steam aging
n.a.
Moisture Resistance
MIL-STD-202 method 106
±0.2 %
Mechanical Shock
100 g, 6 ms half sine
±0.2 %
Vibration, High Frequency
10 g, 10-2000 Hz
±0.2 %
Operational Life
2000 h, TK max at rated power
±1.0 %, TK = 145 °C
High Temperature Exposure
2000 h / 175 °C
±1.0 %
Bias Humidity
+85 °C, 85 r.F., 1000 h
±0.5 %
Power derating curve: 110 °C / 145 °C
Stability <1.0 %
Improved stability <0.5 %
P/PNom
Terminal temperature TK [°C]
0
0,25
0,5
0,75
1
1,25
0
20
40
60
80
100
120
140
160
180
Temperature dependence of the electrical resistance
of BVF-V-R001
dR/R20 [%]
-1,25
-1,00
-0,75
-0,50
-0,25
0,00
0,25
0,50
0,75
1,00
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
TCR = 35 ppm/K
TCR = - 0ppm/K
TCR = 70 ppm/K
Temperature [°C]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com