Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVS-M-R001 Datasheet(PDF) 4 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # BVS-M-R001
Description  PRECISION RESISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

BVS-M-R001 Datasheet(HTML) 4 Page - Isabellenhütte Heusler GmbH & Co. KG

  BVS-M-R001 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG BVS-M-R001 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG BVS-M-R001 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG BVS-M-R001 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG BVS-M-R001 Datasheet HTML 5Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4 /5
ISA-WELD® // PrEcISIon rESIStorS
BVS // 3920
Isabellenhütte Heusler GmbH & co. KG // sales.components@isabellenhuette.de // Issue 20-November-2017 // current valid issue: see www.isabellenhuette.de
Temperature dependence of the electrical resistance of
Aluchrom resistors
dr/r20 [%]
Temperature dependence of the electrical resistance of
ISAOHM® resistors
dr/r20 [%]
Temperature dependence of the electrical resistance of
MANGANIN® resistors
dr/r20 [%]
Temperature dependence of the electrical resistance
of NOVENTIN® resistors
dr/r20 [%]
Temperature dependence of the electrical resistance of
ZERANIN® resistors
dr/r20 [%]
20.11.2017,me
-1,5
-1,0
-0,5
0,0
0,5
1,0
1,5
-70
-40
-10
20
50
80
110
140
170
TCR = 0 ppm/K
TCR = -50 ppm/K
TCR = +50 ppm/K
20.11.2017,me
-1,5
-1,0
-0,5
0,0
0,5
1,0
1,5
-70
-40
-10
20
50
80
110
140
170
TCR = 0 ppm/K
TCR = -50 ppm/K
TCR = +50 ppm/K
20.11.2017,me
-1,5
-1,0
-0,5
0,0
0,5
1,0
1,5
-70
-40
-10
20
50
80
110
140
170
TCR = 0 ppm/K
TCR = -50 ppm/K
TCR = +50 ppm/K
20.11.2017,me
-3,0
-2,5
-2,0
-1,5
-1,0
-0,5
0,0
0,5
1,0
1,5
2,0
2,5
3,0
-70
-40
-10
20
50
80
110
140
170
TCR = 0 ppm/K
TCR = -200 ppm/K
TCR = +200 ppm/K
temperature [°c]
temperature [°c]
-1,5
-1,0
-0,5
0,0
0,5
1,0
1,5
-70
-40
-10
20
50
80
110
140
170
TCR = 0 ppm/K
TCR = -50 ppm/K
TCR = +50 ppm/K
temperature [°c]
temperature [°c]
temperature [°c]
-65
-65
-65
-65
-65



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com