Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP-R050-1.0 Datasheet(PDF) 1 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # CMP-R050-1.0
Description  Precision resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

CMP-R050-1.0 Datasheet(HTML) 1 Page - Isabellenhütte Heusler GmbH & Co. KG

  CMP-R050-1.0 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG CMP-R050-1.0 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG CMP-R050-1.0 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG CMP-R050-1.0 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 /4
ISA-PLAN® // PrecISIoN reSIStorS
CMP // Size 2010
Isabellenhütte Heusler GmbH & co. KG // sales.components@isabellenhuette.de // Issue 05-July-2017 // current valid issue: see www.isabellenhuette.de
current sensor for power hybrid applications
control systems for the automotive market
Power modules
Frequency converters
Switch mode power supplies
Driver for LeD light systems
2 W power rating at 70 °c
constant current up to 14 A (10 mohm)
High pulse power rating
Good long-term stability
Mounting: reflow-, and Ir-soldering
Aec-Q200 qualification in preparation
roHS 2011/65/eU compliant
Features
Applications
Technical data
resistance values
mOhm
10 to 250
tolerance
%
1 / 5
temperature coefficient (20-60 °C)
ppm/K
<75
Applicable temperature range
°C
-65 to +170
Power rating P70°C
W
2
Power rating P120°C
W
1
Internal heat resistance (rthi)
K/W
<50
Dielectric withstanding voltage
V AC/DC
200
Inductance
nH
<3
Stability (P120°c) deviation after 2000h
tK = terminal temperature
<1.0 % (tK=120 °c)
Ordering code
cMP - r010 - 1.0
tolerance
resistance value [ohm] / "r" represents decimal point
type


Similar Part No. - CMP-R050-1.0

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CMP-02 AD-CMP-02 Datasheet
3Mb / 7P
LOW INPUT CURRENT PRECISION COMPARATOR
CMP-02 AD-CMP-02_15 Datasheet
3Mb / 7P
LOW INPUT CURRENT PRECISION COMPARATOR
logo
SYNERGY MICROWAVE CORPO...
CMP-205 SYNERGY-CMP-205 Datasheet
45Kb / 2P
MIXERS TRIPLE-BALANCED
CMP-206 SYNERGY-CMP-206 Datasheet
45Kb / 2P
MIXERS TRIPLE-BALANCED
CMP-210 SYNERGY-CMP-210 Datasheet
45Kb / 2P
MIXERS TRIPLE-BALANCED
More results

Similar Description - CMP-R050-1.0

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
logo
RHOPOINT COMPONENTS
A-H2 RHOPOINT-A-H2 Datasheet
68Kb / 2P
Precision Resistors
SMH-B-R010-1.0 RHOPOINT-SMH-B-R010-1.0 Datasheet
139Kb / 3P
Precision Resistors
logo
Isabellenhütte Heu...
BVB ISABELLENHUETTE-BVB Datasheet
1Mb / 4P
PRECISION RESISTORS
BVH ISABELLENHUETTE-BVH Datasheet
504Kb / 4P
Precision resistors
CMK ISABELLENHUETTE-CMK Datasheet
1Mb / 4P
Precision resistors
CMS ISABELLENHUETTE-CMS Datasheet
1Mb / 4P
Precision resistors
BVT ISABELLENHUETTE-BVT Datasheet
725Kb / 4P
Precision resistors
SMT ISABELLENHUETTE-SMT Datasheet
1Mb / 5P
Precision resistors
VLK ISABELLENHUETTE-VLK Datasheet
802Kb / 4P
PRECISION RESISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com