Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS-R001-5.0 Datasheet(PDF) 4 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # LMS-R001-5.0
Description  SMD precision resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

LMS-R001-5.0 Datasheet(HTML) 4 Page - Isabellenhütte Heusler GmbH & Co. KG

  LMS-R001-5.0 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG LMS-R001-5.0 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG LMS-R001-5.0 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG LMS-R001-5.0 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 / 4
Den aktuellen Stand des Datenblattes finden Sie auf unserer Internetseite - The current valid issue of the data sheet can be found on our website
Ausgabe / Issue LMS-2012-04-20
e-mail: sales.components@isabellenhuette.de - Internet: www.isabellenhuette.de
LMS
Bauform / Size : 2512
10000
1000
Spezifikation/Specification
Parameters
Test Conditions
Specification
Typical data
Maximum Temperature for full power operation
120 °C
120 °C
120 °C
Working Temperature
-55 to 170 °C
-55 to 170 °C
-55 to 170 °C
Thermal Shock
MIL-STD-202 method 107E-B1
0.1 %
0.1 %
Overload
MIL-R-26E (5 times rated power, 5 sec)
0.2 %
0.2 %
Solderability
MIL-STD-202 method 208
> 95 % coverage
> 95 % coverage
Resistance to Solvents
MIL-STD-202 method 215A, 2.1a, 2.1d
no damage
no damage
Low Temperature Storage and Operation
MIL-STD-26E
0.1 %
0.1 %
Resistance to Soldering Heat
MIL-STD-202 method 210B
0.1 %
0.1 %
Moisture Resistance
MIL-STD-202 method 106
0.1 %
0.1 %
Shock
MIL-STD-202 method 213B-A
0.2 %
0.2 %
Vibration, High Frequency
MIL-STD-202 method 204D-B
0.2 %
0.2 %
Life
MIL-STD-26E
0.2 %
0.2 %
Storage Life at Elevated Temperature
MIL-STD-202 method 108A-F
0.3 %
0.3 %
Current Noise
MIL-STD-202 method 308
0.01 %
0.01 %
Voltage Coefficient (%/V)
MIL-STD-202 method 309
linearity error less than 120dB
120dB
Resistance Temperature Characteristic
MIL-STD-202 method 304 (20 - 60°C)
<50 ppm/K
<50 ppm/K
Thermal EMF
0 - 100 °C
2 µV/ °C max.
2 µV/ °C max.
Frequency Characteristic
inductivity
< 3 nH
< 3 nH
Grenzkurve für maximale Pulsenergie bzw. Pulsleistung für Dauerbetrieb /
Maximum pulse energy respectively pulse power for continuous operation
Isabellenhütte Heusler GmbH & Co. KG
Eibacher Weg 3-5 - D-35683 Dillenburg - Telefon / Phone +49 (0) 27 71 9 34 - 0 - Fax: +49 (0) 27 71 2 30 30
Die dargestellte Kurve gilt für den Widerstandswert R001. Für andere Werte kann die Kurve im unteren Bereich ggf. anders verlaufen, so dass in Grenzbereichen eine separate
Qualifikation erfolgen sollte. /
This curve is only valid for the resistance value R001. The shape of the curve in the range below 0.1 sec will be different for other resistance values.
Therefore a separate qualification should be made for pulse power close to the above curve.
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com