Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVS-A-R004 Datasheet(PDF) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # BVS-A-R004
Description  PRECISION RESISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

BVS-A-R004 Datasheet(HTML) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

  BVS-A-R004 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG BVS-A-R004 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG BVS-A-R004 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG BVS-A-R004 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG BVS-A-R004 Datasheet HTML 5Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 /5
ISA-WELD® // PrEcISIon rESIStorS
BVS // 3920
Isabellenhütte Heusler GmbH & co. KG // sales.components@isabellenhuette.de // Issue 20-November-2017 // current valid issue: see www.isabellenhuette.de
Recommended solder profile
Reflow-, IR-soldering
temperature
°C
260
255
217
time
sec
peak
40
90
Tape and reel information
Specification
DIn En 60286-3
tape width
mm
16
reel size
inch
13
Parts per reel
pcs
3000
Packaging weight
g
474
Specification
Parameters
Test conditions
Specified values
temperature cycling
2000 cycles (-55 °c to +150 °c)
±0.5 %
Low temperature Storage and operation
-65 °c for 250 h
±0.1 %
resistance to Soldering Heat
260 °c for 10 sec / 8h steam aging
n.a.
Moisture resistance
MIL-StD-202 method 106
±0.1 %
Mechanical Shock
100 g, 6 ms half sine
±0.2 %
Vibration, High Frequency
10 g, 10-2000 Hz, 24 h each axis
±0.2 %
operational Life
2000 h, tK max at rated power
±1.0 %, tK = 130 °c
High temperature Exposure
2000 h / 170 °c
±1.0 % (in covered condition)*
Bias Humidity
+85 °c, 85 r.F., 1000 h
±0.5 %
* for MAnGAnIn® and ZErAnIn®30
Mechanical dimensions and pcb-layout proposal (Reflow-soldering) [mm]
Type
L
W
H
A
BVS
10.0 +0.3
5.2 +0.3/-0.2 0.5 ±0.1
2.0 -0.5
Solder pad type l
w
a
BVS
11.0
6.2
2.7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com