Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVS-I-R004 Datasheet(PDF) 3 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # BVS-I-R004
Description  PRECISION RESISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

BVS-I-R004 Datasheet(HTML) 3 Page - Isabellenhütte Heusler GmbH & Co. KG

  BVS-I-R004 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG BVS-I-R004 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG BVS-I-R004 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG BVS-I-R004 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG BVS-I-R004 Datasheet HTML 5Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3 /5
ISA-WELD® // PrEcISIon rESIStorS
BVS // 3920
Isabellenhütte Heusler GmbH & co. KG // sales.components@isabellenhuette.de // Issue 20-November-2017 // current valid issue: see www.isabellenhuette.de
0
0,25
0,5
0,75
1
1,25
0
20
40
60
80
100
120
140
160
180
Power derating curve at 100 °C
Example: BVS-M-R0005
Stability < 1.0 %
Improved stability < 0.5 %
terminal temperature tK [°c]
Power derating curve at 70 °C
Example: BVS-M-R001
Type
Value [mΩ]
Rthi [K/W]
TCR [ppm/K]
P100°C
P70°C
Note
[W]
[W]
BVS-Z-r0002
0.2
3
200
5
12
BVS-M-r0003
0.3
4.5
150
5
10
BVS-M-r0005
0.5
8
70
5
9
BVS-M-r0007
0.7
11
60
5
8
BVS-M-r001
1
15
<50
4
7
BVS-A-r001
1
9
<50
5
8
Aluchrom material has ferromagnetic
properties and should not be
used in Ac-applications
BVS-A-r0015
1.5
12
<50
4.5
7
BVS-A-r002
2
16
<50
4
6
BVS-A-r0028
2.8
21
<50
3
5
BVS-A-r003
3
22
<50
3
5
BVS-A-r004
4
30
<50
2.5
4
BVS-I-r002
2
16
<50
4
6
BVS-I-r003
3
24
<50
3
5
BVS-I-r004
4
32
<50
2.5
4
BVS-I-r005
5
50
<50
2
3
BVS-V-r002
2
20
<50
3.5
5
AEC-Q200 qualification in process
BVS-K-r000
<0.2 mohm
Imax = 160 A
terminal temperature tK [°c]
0
0,25
0,5
0,75
1
1,25
0
20
40
60
80
100
120
140
160
180
70
Abbrevation type:
A=Aluchrom
I=ISAoHM®
K=SF-copper tinned
M=MAnGAnIn®
V=noVEntIn®
Z=ZErAnIn®30
P / P
70 °c
P / P
100 °c



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com