Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVS-I-R005 Datasheet(PDF) 1 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # BVS-I-R005
Description  PRECISION RESISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

BVS-I-R005 Datasheet(HTML) 1 Page - Isabellenhütte Heusler GmbH & Co. KG

  BVS-I-R005 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG BVS-I-R005 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG BVS-I-R005 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG BVS-I-R005 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG BVS-I-R005 Datasheet HTML 5Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 /5
ISA-WELD® // PrEcISIon rESIStorS
BVS
Isabellenhütte Heusler GmbH & co. KG // sales.components@isabellenhuette.de // Issue 20-November-2017 // current valid issue: see www.isabellenhuette.de
▪ current sensor for power hybrid applications
▪ High current applications for the automotive market
▪ Frequency converters
▪ Power modules
▪ Power rating up to 12 W 1
▪ continuous current load up to 160 A (0.2 mohm)
▪ Heavy copper connectors
▪ Excellent long-term stability
▪ Max. solder temperature up to 350 °c / 30 sec
▪ AEc-Q200 qualified
▪ roHS 2011/65/EU compliant
Features
Applications
Size 3920
Technical data 1
resistance values
mOhm
0.2 to 5
tolerance
%
1 / 5
temperature coefficient (20-60 °C)
ppm/K
from 50
Applicable temperature range
°C
-65 to +170
Power rating P100 °C
W
up to 5
Power rating P70 °C
W
up to 12
Internal heat resistance (rthi)
K/W
from 3
Inductance
nH
<3
Stability (at rated power) deviation after 2000h,
tK = terminal temperature
<0.5 % (tK=100 °c)
<1.0 % (tK=130 °c)
1 For detailed information see table on page 3
Ordering code
BVS - M - r0005 - 1.0
tolerance
resistance value [ohm] / „r“ represents decimal point
Material (MAnGAnIn®)
type


Similar Part No. - BVS-I-R005

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
BVS-0 MSYSTEM-BVS-0 Datasheet
116Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
BVS-0/CE MSYSTEM-BVS-0/CE Datasheet
116Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
BVS-0/Q MSYSTEM-BVS-0/Q Datasheet
116Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
BVS-1 MSYSTEM-BVS-1 Datasheet
116Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
BVS-1/CE MSYSTEM-BVS-1/CE Datasheet
116Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
More results

Similar Description - BVS-I-R005

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
logo
RHOPOINT COMPONENTS
A-H2 RHOPOINT-A-H2 Datasheet
68Kb / 2P
Precision Resistors
SMH-B-R010-1.0 RHOPOINT-SMH-B-R010-1.0 Datasheet
139Kb / 3P
Precision Resistors
logo
Isabellenhütte Heu...
BVB ISABELLENHUETTE-BVB Datasheet
1Mb / 4P
PRECISION RESISTORS
BVH ISABELLENHUETTE-BVH Datasheet
504Kb / 4P
Precision resistors
CMK ISABELLENHUETTE-CMK Datasheet
1Mb / 4P
Precision resistors
CMS ISABELLENHUETTE-CMS Datasheet
1Mb / 4P
Precision resistors
BVT ISABELLENHUETTE-BVT Datasheet
725Kb / 4P
Precision resistors
SMT ISABELLENHUETTE-SMT Datasheet
1Mb / 5P
Precision resistors
VLK ISABELLENHUETTE-VLK Datasheet
802Kb / 4P
PRECISION RESISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com