Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM6806 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # DM6806
Description  DM5806 DATA MODULE DIGITAL I/O BOARD
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM6806 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button DM6806 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM6806 Datasheet HTML 31Page - List of Unclassifed Manufacturers DM6806 Datasheet HTML 32Page - List of Unclassifed Manufacturers DM6806 Datasheet HTML 33Page - List of Unclassifed Manufacturers DM6806 Datasheet HTML 34Page - List of Unclassifed Manufacturers DM6806 Datasheet HTML 35Page - List of Unclassifed Manufacturers DM6806 Datasheet HTML 36Page - List of Unclassifed Manufacturers DM6806 Datasheet HTML 37Page - List of Unclassifed Manufacturers DM6806 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
4-4
BA + 3: 8255 PPI Control Word (Write Only)
When bit 7 of this word is set to 1, a write programs the PPI configuration. Bit 6 must always be set to 0
(Mode 2 operation is not supported by the DM5806). The table below shows the control words for the 16 possible
Mode 0 Port I/O combinations.
D7
D6
D5
D4
D3
D2
D1
D0
Port C Lower
0 = output
1 = input
Port B
0 = output
1 = input
Mode Set Flag
1 = active
Port C Upper
0 = output
1 = input
Port A
0 = output
1 = input
Group B
Mode Select
00 = mode 0
01 = mode 1
1x = mode 2
Mode Select
0 = mode 0
1 = mode 1
1
0
XXXXXX
Group A
8255 Port I/O Flow Direction and Control Words, Mode 0
Group A
Group B
Control Word
Port A
Port C Upper
Port B
Port C Lower
Binary
Decimal
Hex
Output
Output
Output
Output
1 0 0 0 0 0 0 0
128
80
Output
Output
Output
Input
1 0 0 0 0 0 0 1
129
81
Output
Output
Input
Output
1 0 0 0 0 0 1 0
130
82
Output
Output
Input
Input
1 0 0 0 0 0 1 1
131
83
Output
Input
Output
Output
1 0 0 0 1 0 0 0
136
88
Output
Input
Output
Input
1 0 0 0 1 0 0 1
137
89
Output
Input
Input
Output
1 0 0 0 1 0 1 0
138
8A
Output
Input
Input
Input
1 0 0 0 1 0 1 1
139
8B
Input
Output
Output
Output
1 0 0 1 0 0 0 0
144
90
Input
Output
Output
Input
1 0 0 1 0 0 0 1
145
91
Input
Output
Input
Output
1 0 0 1 0 0 1 0
146
92
Input
Output
Input
Input
1 0 0 1 0 0 1 1
147
93
Input
Input
Output
Output
1 0 0 1 1 0 0 0
152
98
Input
Input
Output
Input
1 0 0 1 1 0 0 1
153
99
Input
Input
Input
Output
1 0 0 1 1 0 1 0
154
9A
Input
Input
Input
Input
1 0 0 1 1 0 1 1
155
9B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com