Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7126CPL Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICL7126CPL
Description  3 1/2 Digit, Low Power, Single Chip A/D Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7126CPL Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICL7126CPL Datasheet HTML 7Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 8Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 9Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 10Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 11Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 12Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 13Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 14Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
ICL7216
FN3084 Rev.5.00
Page 14 of 15
Oct 25, 2004
Die Characteristics
DIE DIMENSIONS:
127 mils x 149 mils
METALLIZATION:
Type: Al
Thickness: 10k
Å 1kÅ
PASSIVATION:
Type: PSG Nitride
Thickness: 15k
Å 3kÅ
WORST CASE CURRENT DENSITY:
9.1 x 104 A/cm2
Metallization Mask Layout
ICL7126
A2
(12)
(37) TEST
(39) OSC 2
(40) OSC 1
(2) D1
(4) B1
(27)
INT
(28)
BUFF
(33)
CREF-
A1
(5)
F1
(6)
G1
(7)
E1
(8)
D2
(9)
C2
(10)
B2
(11)
F2
(13)
E2
(14)
B3 (16)
D3 (15)
F3 (17)
E3 (18)
AB4 (19)
POL (20)
BP/GND (21)
G3 (22)
A3 (23)
C3 (24)
G2 (25)
V- (26)
(29)
A/Z
(30)
IN LO
(31)
IN HI
(32)
COMM
(34)
CREF+
(35)
REF
(36)
REF
LO
HI
(38) OSC 3
(1) V+
(3) C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com