Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7126CPLZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICL7126CPLZ
Description  3 1/2 Digit, Low Power, Single Chip A/D Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7126CPLZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICL7126CPLZ Datasheet HTML 7Page - Renesas Technology Corp ICL7126CPLZ Datasheet HTML 8Page - Renesas Technology Corp ICL7126CPLZ Datasheet HTML 9Page - Renesas Technology Corp ICL7126CPLZ Datasheet HTML 10Page - Renesas Technology Corp ICL7126CPLZ Datasheet HTML 11Page - Renesas Technology Corp ICL7126CPLZ Datasheet HTML 12Page - Renesas Technology Corp ICL7126CPLZ Datasheet HTML 13Page - Renesas Technology Corp ICL7126CPLZ Datasheet HTML 14Page - Renesas Technology Corp ICL7126CPLZ Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ICL7216
FN3084 Rev.5.00
Page 13 of 15
Oct 25, 2004
FIGURE 17. CIRCUIT FOR DEVELOPING UNDERRANGE AND OVERRANGE SIGNAL FROM ICL7126 OUTPUTS
FIGURE 18. AC TO DC CONVERTER WITH ICL7126
Typical Applications (Continued)
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
V+
D1
C1
B1
A1
F1
G1
E1
D2
C2
B2
A2
F2
E2
D3
B3
F3
E3
AB4
POL
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V-
G2
C3
A3
G3
BP
O /RANGE
U /RANGE
CD4023 OR
74C10
CD4077
TO LOGIC
VCC
V+
TO
LOGIC
V-
GND
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V -
G2
C3
A3
G3
BP
50pF
TO PIN 1
0.1
F
180k
10k
220k
180k
0.047
F
0.22
F
TO BACKPLANE
TO DISPLAY
Test is used as a common-mode reference level to ensure compatibility with most op amps.
10
F
9V
10
F
470k
1
F
4.3k
100pF
(FOR OPTIMUM
BANDWIDTH)
1
F
10k
10k
1N914
1
F
0.22
F
5
F
ICL7611
2.2M
+
-
100k
AC IN
SCALE FACTOR ADJUST
(VREF = 100mV FOR AC TO RMS)
750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com