Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7107SCPLZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICL7107SCPLZ
Description  31/2 Digit, LCD/LED Display, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7107SCPLZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICL7107SCPLZ Datasheet HTML 9Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 10Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 11Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 12Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 13Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 14Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 15Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 16Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ICL7106, ICL7107, ICL7107S
FN3082 Rev 9.00
Page 13 of 17
October 24, 2014
FIGURE 17. ICL7107 MEASURING RATIOMETRIC VALUES OF QUAD
LOAD CELL
FIGURE 18. ICL7106 USED AS A DIGITAL CENTIGRADE
THERMOMETER
Typical Applications (Continued)
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V -
G2
C3
A3
G3
GND
100pF
TO PIN 1
0.1µF
100kΩ
0.47µF
TO DISPLAY
The resistor values within the bridge are determined by the desired
sensitivity.
V+
0.22µF
47kΩ
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V -
G2
C3
A3
G3
BP
100pF
TO PIN 1
0.1µF
0.01µF
100kΩ
100kΩ 1MΩ
9V
47kΩ
0.22µF
0.47µF
TO BACKPLANE
TO DISPLAY
A silicon diode-connected transistor has a temperature coefficient of
about -2mV/°C. Calibration is achieved by placing the sensing
transistor in ice water and adjusting the zeroing potentiometer for a
000.0 reading. The sensor should then be placed in boiling water and
the scale-factor potentiometer adjusted for a 100.0 reading.
SCALE
FACTOR
ADJUST
100kΩ 220kΩ
22kΩ
SILICON NPN
MPS 3704 OR
SIMILAR
ZERO
ADJUST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com