Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7136CPL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICL7136CPL
Description  31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7136CPL Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICL7136CPL Datasheet HTML 1Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 2Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 3Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 4Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 5Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 6Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 7Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 8Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ICL7136
FN3086 Rev 6.00
Page 3 of 15
July 21, 2005
Absolute Maximum Ratings
Thermal Information
Supply Voltage
ICL7136, V+ to V-. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15V
Analog Input Voltage (Either Input) (Note 1) . . . . . . . . . . . . V+ to V-
Reference Input Voltage (Either Input). . . . . . . . . . . . . . . . . V+ to V-
Clock Input
ICL7136 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TEST to V+
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
Thermal Resistance (Typical, Note 2)
JA (°C/W)
PDIP Package* . . . . . . . . . . . . . . . . . . . . . . . . . . . .
50
MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . .-65oC to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(MQFP - Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Input voltages may exceed the supply voltages provided the input current is limited to
100A.
2.
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
(Note 3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SYSTEM PERFORMANCE
Zero Input Reading
VIN = 0V, Full Scale = 200mV
-000.0
000.0
+000.0
Digital
Reading
Ratiometric Reading
VlN = VREF, VREF = 100mV
999
999/
1000
1000
Digital
Reading
Rollover Error
-VIN = +VlN  200mV Difference in Reading for Equal Positive
and Negative Inputs Near Full Scale
-
0.2
1
Counts
Linearity
Full Scale = 200mV or Full Scale = 2V Maximum
Deviation from Best Straight Line Fit (Note 5)
-
0.2
1
Counts
Common Mode Rejection Ratio
VCM = 1V, VIN = 0V, Full Scale = 200mV (Note 5)
-
50
-
V/V
Noise
VIN = 0V, Full Scale = 200mV (Peak-To-Peak Value Not
Exceeded 95% of Time) (Note 5)
-15
-
V
Leakage Current Input
VlN = 0V (Note 5)
-
1
10
pA
Zero Reading Drift
VlN = 0V, 0°C To 70°C (Note 5)
-
0.2
1
V/°C
Scale Factor Temperature Coefficient
VIN = 199mV, 0°C To 70°C, (Ext. Ref. 0ppm/×°C) (Note 5)
-
1
5
ppm/°C
COMMON Pin Analog Common Voltage
25k
 Between Common and Positive Supply (With Respect
to + Supply)
2.4
3.0
3.2
V
Temperature Coefficient of Analog
Common
25k
 Between Common and Positive Supply (With Respect
to + Supply) (Note 5)
-
150
-
ppm/°C
SUPPLY CURRENT
V+ Supply Current
VIN = 0 (Does Not Include Common Current) 16kHz
Oscillator (Note 6)
-
70
100
A
DISPLAY DRIVER
Peak-To-Peak Segment Drive Voltage and
Peak-To-Peak Backplane Drive Voltage
V+ to V- = 9V (Note 4)
4
5.5
6
V
NOTES:
3. Unless otherwise noted, specifications apply to the ICL7136 at TA = 25°C, fCLOCK = 48kHz. ICL7136 is tested in the circuit of Figure 1.
4. Back plane drive is in phase with segment drive for “off“ segment, 180 degrees out of phase for “on“ segment. Frequency is 20 times conversion rate.
Average DC component is less than 50mV.
5. Not tested, guaranteed by design.
6. 48kHz oscillator increases current by 20
A (Typ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com