Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F6014 Datasheet(PDF) 4 Page - Microchip Technology

Part # DSPIC30F6014
Description  High Performance Digital Signal Controllers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F6014 Datasheet(HTML) 4 Page - Microchip Technology

  DSPIC30F6014 Datasheet HTML 1Page - Microchip Technology DSPIC30F6014 Datasheet HTML 2Page - Microchip Technology DSPIC30F6014 Datasheet HTML 3Page - Microchip Technology DSPIC30F6014 Datasheet HTML 4Page - Microchip Technology DSPIC30F6014 Datasheet HTML 5Page - Microchip Technology DSPIC30F6014 Datasheet HTML 6Page - Microchip Technology DSPIC30F6014 Datasheet HTML 7Page - Microchip Technology DSPIC30F6014 Datasheet HTML 8Page - Microchip Technology DSPIC30F6014 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 222 page
background image
dsPIC30F6011/6012/6013/6014
DS70117C-page 2
Preliminary
 2004 Microchip Technology Inc.
dsPIC30F6011/6012/6013/6014 Controller Families
Pin Diagrams
Note:
For descriptions of individual pins, see Section 1.0.
Device
Pins
Program Memory
SRAM
Bytes
EEPROM
Bytes
Timer
16-bit
Input
Cap
Output
Comp/Std
PWM
Codec
Interface
A/D 12-bit
100 Ksps
Bytes Instructions
dsPIC30F6011
64
132K
44K
6144
2048
5
8
8
—
16 ch
2
2
1
2
dsPIC30F6012
64
144K
48K
8192
4096
5
8
8
AC’97, I2S
16 ch
2
2
1
2
dsPIC30F6013
80
132K
44K
6144
2048
5
8
8
—
16 ch
2
2
1
2
dsPIC30F6014
80
144K
48K
8192
4096
5
8
8
AC’97, I2S
16 ch
2
2
1
2
1
2
3
4
5
6
7
8
9
10
11
12
13
36
35
34
33
14
15
16
EMUC1/SOSCO/T1CK/CN0/RC14
EMUD1/SOSCI/T4CK/CN1/RC13
EMUC2/OC1/RD0
IC4/INT4/RD11
IC2/INT2/RD9
IC1/INT1/RD8
VSS
OSC2/CLKO/RC15
OSC1/CLKI
VDD
SCL/RG2
EMUC3/SCK1/INT0/RF6
U1RX/SDI1/RF2
EMUD3/U1TX/SDO1/RF3
RG15
T2CK/RC1
T3CK/RC2
SCK2/CN8/RG6
SDI2/CN9/RG7
SDO2/CN10/RG8
MCLR
VSS
VDD
AN3/CN5/RB3
AN2/SS1/LVDIN/CN4/RB2
PGC/EMUC/AN1/VREF-/CN3/RB1
PGD/EMUD/AN0/VREF+/CN2/RB0
SDA/RG3
43
42
41
40
39
38
37
44
48
47
46
45
SS2/CN11/RG9
AN5/IC8/CN7/RB5
AN4/IC7/CN6/RB4
IC3/INT3/RD10
64-Pin TQFP
dsPIC30F6011
Note:
Pinout subject to change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com