Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVT-I-R003 Datasheet(PDF) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # BVT-I-R003
Description  Precision resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

BVT-I-R003 Datasheet(HTML) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

  BVT-I-R003 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG BVT-I-R003 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG BVT-I-R003 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG BVT-I-R003 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 /4
ISA-WELD® // PRECISION RESISTORS
Isabellenhütte Heusler GmbH & Co. KG // sales.components@isabellenhuette.de // Issue 21-February-2018
BVT (2512)
Specification
Parameters
Test conditions
Specified values
Temperature Cycling
2000 cycles (-55 °C to +150 °C)
±0.5%
Low Temperature Storage and Operation
-65 °C for 24 h
±0.1%
Resistance to Soldering Heat
260 °C for 10 sec / 8h steam aging
n.a.
Moisture Resistance
MIL-STD-202 method 106
±0.2%
Mechanical Shock
100 g, 6 ms half sine
±0.2%
Vibration, High Frequency
20 g, 10-2000 Hz
±0.2%
Operational Life
2000 h, T
K max at nominal load
±1.0%, T
K = 140 °C
High Temperature Exposure
2000 h / 170 °C
±1.0% (in covered condition)*
Bias Humidity
+85 °C, 85 r.F., 1000 h
±0.5%
Tape and reel information
Specification
DIN EN 60286-3
Tape width
mm
12
Reel size
inch
13
Parts per reel
pcs
5000
Packaging weight
g
453
* for MANGANIN® and ZERANIN®30
Mechanical dimensions and pcb-layout proposal (Reflow-soldering) [mm] // Drawing no. Z-YE-968a
Type
L
W
H
A
BVT
6.35 ±0.15 3.05 ±0.2
0.35 ±0.03 1.14 -0.4
Solder pad type l
w
a
BVT
7.0
3.4
1.8
Recommended surface mount soldering methods
Reflow-, IR- and vacuum soldering



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com