Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E424IDT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # E424IDT
Description  T-1 (3MM) CYLINDRICAL LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

E424IDT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  E424IDT Datasheet HTML 1Page - List of Unclassifed Manufacturers E424IDT Datasheet HTML 2Page - List of Unclassifed Manufacturers E424IDT Datasheet HTML 3Page - List of Unclassifed Manufacturers E424IDT Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E424-2/4
www.eLED.com
DATA NO :EA0110
REV NO :V1
DATE :AUG/29/2001
Electrical / Optical Characteristics at T)=25°°°°°C
Absolute Maximum Ratings at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pe
c
i
v
e
D.
p
y
T.
x
a
Ms
t
i
n
Us
n
o
i
t
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
P
d
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H
e
g
n
a
r
O
n
e
e
r
G
w
o
l
l
e
Y
d
e
R
t
h
g
i
r
B
r
e
p
u
S
7
2
6
7
2
6
5
6
5
0
9
5
0
6
6
m
nIF
A
m
0
2
=
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
D
d
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H
e
g
n
a
r
O
n
e
e
r
G
w
o
l
l
e
Y
d
e
R
t
h
g
i
r
B
r
e
p
u
S
5
2
6
5
2
6
8
6
5
8
8
5
0
4
6
m
nIF
A
m
0
2
=
λ
∆
2
/
1
e
n
i
L
l
a
r
t
c
e
p
S
h
t
d
i
w
f
l
a
H
d
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H
e
g
n
a
r
O
n
e
e
r
G
w
o
l
l
e
Y
d
e
R
t
h
g
i
r
B
r
e
p
u
S
5
4
5
4
0
3
5
3
0
2
m
nIF
A
m
0
2
=
Ce
c
n
a
t
i
c
a
p
a
C
d
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H
e
g
n
a
r
O
n
e
e
r
G
w
o
l
l
e
Y
d
e
R
t
h
g
i
r
B
r
e
p
u
S
5
1
5
1
5
1
0
2
5
4
F
pVF
z
H
M
1
=
f;
V
0
=
VF
e
g
a
t
l
o
V
d
r
a
w
r
o
F
d
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H
e
g
n
a
r
O
n
e
e
r
G
w
o
l
l
e
Y
d
e
R
t
h
g
i
r
B
r
e
p
u
S
0
.
2
0
.
2
0
.
2
1
.
2
5
8
.
1
5
.
2
5
.
2
5
.
2
5
.
2
5
.
2
VIF
A
m
0
2
=
IR
t
n
e
r
r
u
C
e
s
r
e
v
e
Rl
l
A0
1A
uVR
V
5
=
r
e
t
e
m
a
r
a
P
y
c
n
e
i
c
i
f
f
E
h
g
i
H
d
e
R
e
g
n
a
r
On
e
e
r
Gw
o
l
l
e
Y
t
h
g
i
r
B
r
e
p
u
S
d
e
R
s
t
i
n
U
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P5
0
15
0
15
0
15
0
10
0
1W
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
C
D0
30
35
20
30
3A
m
]
1
[
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
P0
6
10
6
10
4
10
4
15
5
1A
m
e
g
a
t
l
o
V
e
s
r
e
v
e
R5
5
5
5
5
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
i
t
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
g
n
i
r
e
d
l
o
S
d
a
e
L
0
6
2 °
s
d
n
o
c
e
S
5
r
o
F
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com