Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVMC28F/HB Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DVMC28F/HB
Description  HIGH RELIABILITY HYBRID EMI FILTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DVMC28F/HB Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DVMC28F/HB Datasheet HTML 4Page - List of Unclassifed Manufacturers DVMC28F/HB Datasheet HTML 5Page - List of Unclassifed Manufacturers DVMC28F/HB Datasheet HTML 6Page - List of Unclassifed Manufacturers DVMC28F/HB Datasheet HTML 7Page - List of Unclassifed Manufacturers DVMC28F/HB Datasheet HTML 8Page - List of Unclassifed Manufacturers DVMC28F/HB Datasheet HTML 9Page - List of Unclassifed Manufacturers DVMC28F/HB Datasheet HTML 10Page - List of Unclassifed Manufacturers DVMC28F/HB Datasheet HTML 11Page - List of Unclassifed Manufacturers DVMC28F/HB Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DVMC28 Series
10015DSD
11
PACKAGE PIN DESCRIPTION
Pin
Function
Description
1
28V IN
Positive Input Voltage Connection
2
28V OUT
Positive Output Voltage Connection
3
CASE
Case Connection
4
OUT COM
Output Common Connection
5
IN COM
Input Common Connection
ENVIRONMENTAL SCREENING (Per MIL-STD-883 as referenced to MIL-PRF-38534, Class H)
Screening
MIL-STD-883
Standard
(No Suffix)
Extended
/ES
HB
/HB
Pre-Cap Inspection
Method 2017, 2032
Internal Procedure
•
•
•
Temperature Cycling
Method 1010, Condition C
Method 1010, -55°C to 125°C
•
•
Constant
Acceleration
Method 2001, 3000g
Method 2001, 500g
•
•
Burn-In
Method 1015, 160 hours at +125°C
96 hours at +125°C
24 hours at +125°C
•
•
•
Hermeticity
Method 1014, Fine Leak, Condition A
Method 1014, Gross Leak, Condition C
Dip (1 x 10
-3)
•
•
•
•
•
Final Electrical
MIL-PRF-38534, Group A
1
100% at 25°C
•
•
•
Final Inspection
Method 2009
•
•
•
Note:
1.
100% R&R testing at –55°C, +25°C, and +125°C with all test data included in product
shipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com