Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DV200-27012S/ML Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DV200-27012S/ML
Description  HIGH RELIABILITY DC-DC CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DV200-27012S/ML Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DV200-27012S/ML Datasheet HTML 1Page - List of Unclassifed Manufacturers DV200-27012S/ML Datasheet HTML 2Page - List of Unclassifed Manufacturers DV200-27012S/ML Datasheet HTML 3Page - List of Unclassifed Manufacturers DV200-27012S/ML Datasheet HTML 4Page - List of Unclassifed Manufacturers DV200-27012S/ML Datasheet HTML 5Page - List of Unclassifed Manufacturers DV200-27012S/ML Datasheet HTML 6Page - List of Unclassifed Manufacturers DV200-27012S/ML Datasheet HTML 7Page - List of Unclassifed Manufacturers DV200-27012S/ML Datasheet HTML 8Page - List of Unclassifed Manufacturers DV200-27012S/ML Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DV200-27000S Series
15006DSA
4
SPECIFICATIONS (T
CASE = -55°C to +100°C, VIN = +270V ± 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
400 VDC
Junction Temperature Rise to Case
+25°C
Input Voltage (Transient, 1 second)
500 Volts
Storage Temperature
-65°C to +135°C
Output Power
1,2
175 Watts
Lead Solder Temperature (10 seconds)
270°C
Power Dissipation (Full Load, TCASE = +100°C)
40 Watts
Weight (Maximum)
115 Grams
DV200-27028S
Parameter
Conditions
Min
Typ
Max
Units
STATIC
Continuous
160
270
400
V
INPUT
Voltage
Transient, 1 sec
-
-
500
V
Inhibited
-
3
5
mA
Current
No Load
-
8
20
mA
Ripple Current
Full Load, 20Hz to 10MHz
-
100
200
mAp-p
Inhibit Pin Input
3
To Disable Output
0
-
1.5
V
Inhibit Pin Open Circuit Voltage
3
9.5
10.5
11.5
V
UVLO Turn On
140
150
159
V
UVLO Turn Off
3
135
145
155
V
VOUT
TCASE = 25°C
27.72
28.0
28.28
V
OUTPUT
Voltage
VOUT
TCASE = -55°C to +100°C
27.44
28.0
28.56
V
Power
2
VIN = 160V to 400V
0
-
175
W
Current
2
IOUT
VIN = 160V to 400V
0
-
6.25
A
Ripple Voltage
VOUT
Full Load, 10kHz to 10MHz
-
100
250
mVp-p
Line Regulation
VOUT
VIN = 160V to 400V
-
10
100
mV
Load Regulation
VOUT
No Load to Full Load
-
10
100
mV
Voltage Trim
VOUT
Full Load
-20
-
10
%
EFFICIENCY
Full Load
82
86
-
%
Overload
3
-
45
-
W
LOAD FAULT POWER DISSIPATION
Short Circuit
-
45
-
W
CAPACITIVE LOAD
3
-
-
1000
µF
SWITCHING FREQUENCY
400
500
600
kHz
SYNC FREQUENCY RANGE
VH – VL = 5V
Duty Cycle = 20% - 80%
450
500
550
kHz
ISOLATION
4
1000 VDC
100
-
-
MΩ
MTBF (MIL-HDBK-217F)
GB @ TC = 55°C
-
955
-
kHrs
DYNAMIC
Load Step Output Transient
VOUT
-
1600
2400
mVPK
Load Step Recovery
5
Half Load to Full Load
-
200
400
µSec
Line Step Output Transient
3
VOUT
-
1600
2400
mVPK
Line Step Recovery
3,5
VIN = 180V to 400V
-
200
400
µSec
Turn On Delay
VOUT
-
150
300
mSec
Turn On Overshoot
VIN = 0V to 270V
-
-
100
mVPK
Notes: 1. Dependant on output voltage. 2. Derate linearly to 0 at 125°C. 3. Verified by qualification testing. 4. Input to output and input to case.
Isolation from output to case is 500VDC. 5. Time for output voltage to settle within 1% of its nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com