Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM-852MH Datasheet(PDF) 1 Page - Mini-Circuits

Part # SIM-852MH
Description  Frequency Mixer wide band
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SIM-852MH Datasheet(HTML) 1 Page - Mini-Circuits

  SIM-852MH Datasheet HTML 1Page - Mini-Circuits SIM-852MH Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Level 13 (LO Power +13 dBm) 3700 to 8500 MHz
Frequency Mixer wide band
Ceramic Surface Mount
Demo Board MCL P/N: TB-382
Suggested PCB Layout (PL-239)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
8
RF
4
IF
2
GROUND
1,3,5,6,7
Outline Drawing
Electrical Specifications
REV. A
M151107
SIM-852MH+
ED-12399/10
DJ/AM
151001
A
B
C
D
E
FG
.200
.180
.087
.025
.050
.028
.043
5.08
4.57
2.21
0.64
1.27
0.71
1.09
H
J
K
L
M
N
wt
.050
.030
.060 0.238 0.144 0.065 grams
1.27
0.76
1.52
6.05
3.66
1.65
0.08
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
Typical Performance Data
Electrical Schematic
SIM-852MH+
Features
• wide bandwidth, 3700 to 8500 MHz
• low conversion loss, 6.9 dB typ.
• high L-R isolation, 36 dB typ.
• excellent IF BW, DC to 4000 MHz
• LTCC double balanced mixer
• tiny size, low profile, 0.08”
• useable as up and down converter
• aqueous washable
• protected by US patent 7,027,795
Applications
• satellite up and down converters
• defense radar and communications
• line of sight links
• federal fixed service
• WIFI
• blue tooth
• VSAT
• ISM
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
FREQUENCY
(MHz)
CONVERSION LOSS*
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
f
L-fU
IF
Typ.
σ
Max.
Typ. Min.
Typ. Min.
Typ.
3700-8500
DC-4000
3700-6200
7.3
0.1
8.7
36 28
16 10
22
6200-8500
6.9
0.2
9.8
35 22
15
7
16
1 dB Compression: +9 dBm typ.
* Conversion loss at 30 MHz IF.
σ is a measure of repeatability from unit to unit.
3700.10
3730.10
7.02
40.31
22.76
3.98
5.79
4000.10
4030.10
7.42
36.20
20.85
4.37
4.86
4500.10
4530.10
7.37
37.26
16.40
3.67
3.23
5000.10
5030.10
7.89
36.66
14.15
5.07
2.07
5500.10
5530.10
7.76
36.47
13.30
4.80
1.73
6000.10
6030.10
7.17
36.88
13.69
4.14
3.00
6100.10
6130.10
7.15
36.38
13.96
3.95
3.20
6200.10
6230.10
7.04
36.34
14.08
3.63
3.60
6500.10
6530.10
6.91
35.51
14.75
2.88
4.50
7000.10
7030.10
6.44
34.67
15.76
2.15
5.93
7100.10
7130.10
6.60
35.86
16.44
1.96
6.28
7200.10
7230.10
6.66
38.11
17.48
1.90
7.00
7400.10
7430.10
6.70
42.47
20.12
1.97
6.78
7500.10
7530.10
6.90
42.36
21.36
2.12
7.47
7800.10
7830.10
7.22
33.82
18.80
2.86
6.83
8000.10
8030.10
7.43
30.25
14.74
3.10
5.74
8100.10
8130.10
7.67
29.04
13.29
3.22
5.22
8200.10
8230.10
8.01
28.37
12.39
3.31
4.69
8400.10
8430.10
8.60
29.91
12.44
3.93
3.86
8500.10
8530.10
8.85
31.20
13.18
4.37
3.59
Suggested Layout,
Tolerance to be within
±.002
PCB Land Pattern
For extended temperature range, consult factory.
Permanent damage may occur if any of these limits are exceeded.
CASE STYLE: HV1195
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
10, 20, 50, 100, 200, 500


Similar Part No. - SIM-852MH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIM-81PT-250N ETC1-SIM-81PT-250N Datasheet
254Kb / 7P
TERMINAL
logo
Mini-Circuits
SIM-83 MINI-SIM-83 Datasheet
275Kb / 2P
Frequency Mixer WIDE BAND
SIM-83+ MINI-SIM-83+ Datasheet
273Kb / 1P
FREQUENCY MIXERS
SIM-83LH MINI-SIM-83LH Datasheet
427Kb / 2P
Frequency Mixer wide band
SIM-83LH+ MINI-SIM-83LH+ Datasheet
427Kb / 2P
Frequency Mixer wide band
More results

Similar Description - SIM-852MH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MCA1-80MH MINI-MCA1-80MH Datasheet
143Kb / 2P
Frequency Mixer WIDE BAND
MCA1-60MH MINI-MCA1-60MH Datasheet
176Kb / 2P
Frequency Mixer WIDE BAND
SIM-24MH MINI-SIM-24MH Datasheet
371Kb / 2P
Frequency Mixer wide band
SIM-43MH MINI-SIM-43MH Datasheet
348Kb / 2P
Frequency Mixer wide band
SIM-63LH MINI-SIM-63LH Datasheet
434Kb / 2P
Frequency Mixer wide band
SIM-153MH MINI-SIM-153MH Datasheet
389Kb / 2P
Frequency Mixer wide band
ZX05-14 MINI-ZX05-14 Datasheet
276Kb / 2P
Frequency Mixer wide band
ZX05-43 MINI-ZX05-43 Datasheet
298Kb / 2P
Frequency Mixer wide band
ZX05-14H MINI-ZX05-14H Datasheet
312Kb / 2P
Frequency Mixer wide band
ZX05-762H MINI-ZX05-762H Datasheet
300Kb / 2P
Frequency Mixer wide band
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com