Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS75R07N2E4 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # FS75R07N2E4
Description  EconoPACK2 Modul mit Trench
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS75R07N2E4 Datasheet(HTML) 1 Page - Infineon Technologies AG

  FS75R07N2E4 Datasheet HTML 1Page - Infineon Technologies AG FS75R07N2E4 Datasheet HTML 2Page - Infineon Technologies AG FS75R07N2E4 Datasheet HTML 3Page - Infineon Technologies AG FS75R07N2E4 Datasheet HTML 4Page - Infineon Technologies AG FS75R07N2E4 Datasheet HTML 5Page - Infineon Technologies AG FS75R07N2E4 Datasheet HTML 6Page - Infineon Technologies AG FS75R07N2E4 Datasheet HTML 7Page - Infineon Technologies AG FS75R07N2E4 Datasheet HTML 8Page - Infineon Technologies AG FS75R07N2E4 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
TechnischeInformation/TechnicalInformation
FS75R07N2E4
IGBT-Module
IGBT-modules
preparedby:AS
approvedby:RS
dateofpublication:2013-11-06
revision:2.0
ULapproved(E83335)
EconoPACK™2ModulmitTrench/FeldstoppIGBT4undEmitterControlled4DiodeundNTC
EconoPACK™2modulewithTrench/FieldstopIGBT4andEmitterControlled4diodeandNTC
VorläufigeDaten/PreliminaryData
VCES = 650V
IC nom = 75A / ICRM = 150A
TypischeAnwendungen
TypicalApplications
•
•
Motorantriebe
MotorDrives
ElektrischeEigenschaften
ElectricalFeatures
•
•
ErhöhteSperrspannungsfestigkeitauf650V
Increasedblockingvoltagecapabilityto650V
•
•
Hohe Kurzschlussrobustheit, selbstlimitierender
Kurzschlussstrom
High Short Circuit Capability, Self Limiting Short
CircuitCurrent
•
•
TrenchIGBT4
TrenchIGBT4
•
•
Tvjop=150°C
Tvjop=150°C
MechanischeEigenschaften
MechanicalFeatures
•
•
IntegrierterNTCTemperaturSensor
IntegratedNTCtemperaturesensor
•
•
Kupferbodenplatte
CopperBasePlate
•
•
Lötverbindungstechnik
SolderContactTechnology
•
•
Standardgehäuse
StandardHousing
ModuleLabelCode
BarcodeCode128
DMX-Code
ContentoftheCode
Digit
ModuleSerialNumber
1-5
ModuleMaterialNumber
6-11
ProductionOrderNumber
12-19
Datecode(ProductionYear)
20-21
Datecode(ProductionWeek)
22-23


Similar Part No. - FS75R07N2E4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS75R07N2E4 INFINEON-FS75R07N2E4 Datasheet
536Kb / 9P
EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
FS75R07N2E4_B11 INFINEON-FS75R07N2E4_B11 Datasheet
708Kb / 9P
EconoPACK2 Modul mit Trench
2013-11-08 revision:2.0
More results

Similar Description - FS75R07N2E4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS50R07N2E4 INFINEON-FS50R07N2E4_13 Datasheet
712Kb / 9P
EconoPACK2 Modul mit Trench
2013-11-08 revision:2.0
FS50R07N2E4_B11 INFINEON-FS50R07N2E4_B11 Datasheet
705Kb / 9P
EconoPACK2 Modul mit Trench
2013-11-08 revision:2.0
FS50R12KT3 INFINEON-FS50R12KT3 Datasheet
464Kb / 8P
EconoPACK2 Modul mit schnellem Trench
2013-10-03 revision:2.1
FS50R12KT4_B11 INFINEON-FS50R12KT4_B11_13 Datasheet
718Kb / 9P
EconoPACK2 Modul mit Trench
2013-11-04 revision:3.0
FS50R12KT4_B15 INFINEON-FS50R12KT4_B15_13 Datasheet
724Kb / 9P
EconoPACK2 Modul mit Trench
2013-11-04 revision:3.0
FS50R12KT4P_B11 INFINEON-FS50R12KT4P_B11 Datasheet
671Kb / 9P
EconoPACK2 Modul mit Trench
V3.0 2017-08-08
FS50R17KE3_B17 INFINEON-FS50R17KE3_B17 Datasheet
650Kb / 9P
EconoPACK2 Modul mit Trench
2013-10-03 revision:3.0
FS75R07N2E4_B11 INFINEON-FS75R07N2E4_B11 Datasheet
708Kb / 9P
EconoPACK2 Modul mit Trench
2013-11-08 revision:2.0
FS75R12KT4_B11 INFINEON-FS75R12KT4_B11_13 Datasheet
713Kb / 9P
EconoPACK2 Modul mit Trench
2013-11-04 revision:3.0
FS75R12KT4_B15 INFINEON-FS75R12KT4_B15_13 Datasheet
718Kb / 9P
EconoPACK2 Modul mit Trench
2013-11-04 revision:3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com