Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8394IB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL8394IB
Description  Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8394IB Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL8394IB Datasheet HTML 1Page - Renesas Technology Corp ISL8394IB Datasheet HTML 2Page - Renesas Technology Corp ISL8394IB Datasheet HTML 3Page - Renesas Technology Corp ISL8394IB Datasheet HTML 4Page - Renesas Technology Corp ISL8394IB Datasheet HTML 5Page - Renesas Technology Corp ISL8394IB Datasheet HTML 6Page - Renesas Technology Corp ISL8394IB Datasheet HTML 7Page - Renesas Technology Corp ISL8394IB Datasheet HTML 8Page - Renesas Technology Corp ISL8394IB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ISL8394
FN6038 Rev 3.00
Page 2 of 11
March 13, 2006
Pinout (Note 1)
ISL8394 (SOIC)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
Truth Table
LOGIC
ISL8394
NO SW
ISL8394
NC SW
0OFF
ON
1ON
OFF
NOTE: Logic “0”
 0.8V. Logic “1” 2.4V.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
IN1
NO1
COM1
NC1
V-
GND
COM2
NC2
NO2
IN2
IN4
COM4
NC4
V+
NO4
N.C.
NC3
COM3
NO3
IN3
Pin Descriptions
PIN
FUNCTION
V+
Positive Power Supply Input
V-
Negative Power Supply Input. Connect to GND for
Single Supply Configurations.
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
N.C.
No Internal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com