Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12058 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL12058
Description  Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL12058 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL12058 Datasheet HTML 1Page - Renesas Technology Corp ISL12058 Datasheet HTML 2Page - Renesas Technology Corp ISL12058 Datasheet HTML 3Page - Renesas Technology Corp ISL12058 Datasheet HTML 4Page - Renesas Technology Corp ISL12058 Datasheet HTML 5Page - Renesas Technology Corp ISL12058 Datasheet HTML 6Page - Renesas Technology Corp ISL12058 Datasheet HTML 7Page - Renesas Technology Corp ISL12058 Datasheet HTML 8Page - Renesas Technology Corp ISL12058 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ISL12058
FN6756 Rev 1.00
Page 4 of 20
Dec 10, 2015
Absolute Maximum Ratings
Thermal Information
Voltage on VDD Pin (respect to GND) . . . . . . . . . . . . . . . -0.2V to 4V
Voltage on IRQ/FOUT , SCL and SDA Pins
(respect to GND) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.2V to 6V
Voltage on X1 and X2 Pins (respect to GND) . . . . . . . . . -0.2V to 4V
ESD Rating ((Per MIL-STD-883 Method 3014)
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>4kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>350V
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
8 Lead SOIC (Note 3) . . . . . . . . . . . . .
120
N/A
8 Lead MSOP (Note 3). . . . . . . . . . . . .
169
N/A
8 Lead µTDFN (Note 3) . . . . . . . . . . . .
160
N/A
8 Lead TDFN (Notes 4, 5) . . . . . . . . . .
52
7
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
3.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
DC Operating Characteristics – RTC Temperature = -40°C to +85°C unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 8)
TYP
(Note 7)
MAX
(Note 8)
UNITS
NOTES
VDD
Main Power Supply
1.8
3.6
V
VDDT
Timekeeping Power Supply
1.4
1.8
V
IDD1
Standby Supply Current
VDD = 3.6V
600
950
nA
6, 12
VDD = 3.0V
500
nA
IDD2
Timekeeping Current
VDD = 1.8V
400
650
nA
6, 12
VDD = 1.4V
350
nA
IDD3
Supply Current With I2C Active at
Clock Speed of 400kHz
VDD = 3.6V
15
40
µA
6
ILI
Input Leakage Current on SCL
-100
100
nA
ILO
I/O Leakage Current on SDA
-100
100
nA
IRQ/FOUT
VOL
Output Low Voltage
VDD = 1.8V, IOL = 3mA
0.4
V
Serial Interface Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP (Note 7)
MAX
(Note 8)
UNITS NOTES
SERIAL INTERFACE SPECS
VIL
SDA and SCL Input Buffer LOW
Voltage
-0.3
0.3 x VDD
V
VIH
SDA and SCL Input Buffer HIGH
Voltage
0.7 x VDD
5.5
V
Hysteresis SDA and SCL Input Buffer
Hysteresis
0.04 x VDD
V
VPULLUP Maximum Pull-up Voltage on SDA
during I2C Communication
VDD + 2
V
11
VOL
SDA Output Buffer LOW Voltage,
Sinking 3mA
VDD > 1.8V, VPULLUP = 5.0V
0
0.4
V
Cpin
SDA and SCL Pin Capacitance
TA = +25°C, f = 1MHz, VDD = 5V,
VIN = 0V, VOUT = 0V
10
pF
9, 10
fSCL
SCL Frequency
400
kHz
ISL12058



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com