Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLM-160808-R22K-B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FLM-160808-R22K-B
Description  HP 4291B RF impedance/material analyzer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FLM-160808-R22K-B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FLM-160808-R22K-B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(1) P/N
FLM
R22
K
T
Type L (uH)
Q
RDC
SRF
A
B
C
D
Spec.
25 MHz
25 MHz
(OHM)
MHz
(m/m)
(m/m)
(m/m)
(m/m)
Your
Suggest. 0.22±10%
15
-0
0.8
+0
150
-0
1.6±0.2
0.8±0.2
0.8±0.2 0.3±0.2
1
0.232
31.0
0.318
306.0
1.58
0.82
0.78
0.26
2
0.220
31.0
0.346
306.0
1.62
0.84
0.82
0.32
3
0.238
30.0
0.242
294.0
1.60
0.86
0.82
0.3
4
0.230
32.0
0.308
296.0
1.62
0.80
0.78
0.26
5
0.234
31.0
0.273
300.0
1.58
0.84
0.82
0.24
6
0.227
31.0
0.308
301.0
1.54
0.82
0.81
0.26
7
0.230
31.0
0.276
306.0
1.52
0.84
0.83
0.26
8
0.240
31.0
0.274
302.0
1.56
0.86
0.82
0.24
9
0.218
32.0
0.301
306.0
1.54
0.82
0.88
0.26
10
0.208
30.0
0.304
306.0
1.56
0.80
0.84
0.26
X
0.228
31.0
0.295
302.3
1.57
0.83
0.82
0.27
R
0.032
2.0
0.104
12.0
0.10
0.06
0.10
0.08
....... Temp.
:
25
0C
...... Humidity :55%
...RDC
:
millohmmeter 4338B
….Rated Current MAX:50mA
ER029
SPECIFICATION
Customer
:
Customer's P/N:
K.C.Dwg.No. :
K.C.P/N.
: PJ1623MT
(5) Condition In Testing: (6) Test Instruments:
1 6 0 8 0 8
(2)Mechanical Dim. (3) Electrical Characteristics
(4) Dimension
Drawn by:
Checked by:
Approved by:
…Inductance: HP 4291B RF impedance/material analyzer
King Core Electronics Inc.
Tel:886-3-4782511(Rep.)
Fax:886-3-4759923
E-mail : kc@mail.kingcore.com.tw
Symbol of Product
Packaging Style: B: Bulk , T: Tape and Reel
Reel
Dimensions
Inductance Tolerance: J:± 5% , K:± 10% , M:± 20%
Packaging
Inductance Tolerance
Inductance


Similar Part No. - FLM-160808-R22K-B

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FLM-160-K MSYSTEM-FLM-160-K Datasheet
114Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FLM-160-K/Q MSYSTEM-FLM-160-K/Q Datasheet
114Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FLM-160-L MSYSTEM-FLM-160-L Datasheet
114Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FLM-160-L/Q MSYSTEM-FLM-160-L/Q Datasheet
114Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FLM-160-P MSYSTEM-FLM-160-P Datasheet
114Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FLM-160808-R22K-B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
4395A HP-4395A Datasheet
417Kb / 20P
Network/Spectrum/Impedance Analyzer
4294A HP-4294A Datasheet
1,002Kb / 32P
Precision Impedance Analyzer
E4991A HP-E4991A Datasheet
1Mb / 40P
RF Impedance/Material Analyzer
logo
Keysight Technologies
E4990A KEYSIGHT-E4990A Datasheet
4Mb / 30P
Impedance Analyzer
E4990A-001 KEYSIGHT-E4990A-001 Datasheet
4Mb / 30P
Impedance Analyzer
E4991B KEYSIGHT-E4991B Datasheet
7Mb / 42P
Impedance Analyzer
E4991B-002 KEYSIGHT-E4991B-002 Datasheet
7Mb / 42P
Impedance Analyzer
E4991B-007 KEYSIGHT-E4991B-007 Datasheet
7Mb / 42P
Impedance Analyzer
E4991B-010 KEYSIGHT-E4991B-010 Datasheet
7Mb / 42P
Impedance Analyzer
logo
Analog Devices
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
Impedance Converter, Network Analyzer
9/2017-Rev. D to Rev. E
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com