Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-R2ASKLH Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-R2ASKLH
Description  High Reliability Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-R2ASKLH Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-R2ASKLH Datasheet HTML 1Page - Mini-Circuits ADE-R2ASKLH Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ.
2-1000
DC-1000
5.7
0.10
7.0
9.5
68 45
45 30
36 20
55 40
32 22
22 12
15
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
1 dB COMP.: +5 dBm typ.
Phase detection, positive polarity
Page 1 of 2
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±
� .002
Level 10 (LO Power +10 dBm) 2 to 1000 MHz
High Reliability Mixer
Surface Mount
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
6
RF
3
IF
2
GROUND
1,4,5
Outline Drawing
Electrical Specifications
REV. A
M151107
ADE-R2ASKLH+
ED-12873/7
WL/TD/QL
150624
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
Typical Performance Data
Electrical Schematic
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
Features
• hermetically sealed ceramic quad
• low conversion loss, 5.7 dB typ.
• excellent L-R isolation, 45 dB typ.
• low profile package
• aqueous washable
• protected by US Patent 6,133,525
Applications
• VSAT systems
• instrumentation
• cellular
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+10dBm
LO
+10dBm
LO
+10dBm
LO
+10dBm
LO
+10dBm
ADE-R2ASKLH+
CASE STYLE: CD542
2.00
32.00
6.04
86.65
52.03
1.48
2.33
5.00
35.00
5.39
87.44
51.43
1.22
2.33
10.00
40.00
5.25
88.82
50.52
1.13
2.33
55.00
85.00
5.19
84.09
43.63
1.06
2.30
100.00
130.00
5.22
69.23
40.93
1.05
2.31
200.00
230.00
5.30
57.05
37.28
1.01
2.40
260.00
290.00
5.22
53.30
35.30
1.02
2.29
300.00
330.00
5.32
49.85
34.96
1.03
2.53
360.00
390.00
5.39
46.44
33.40
1.05
2.36
400.00
430.00
5.50
45.05
32.18
1.10
2.66
460.00
490.00
5.70
43.50
30.28
1.11
2.52
500.00
530.00
5.64
42.39
29.49
1.15
2.67
600.00
630.00
5.59
40.59
25.59
1.21
2.64
650.00
680.00
5.91
39.93
24.64
1.17
3.00
700.00
730.00
6.30
38.50
23.90
1.19
2.68
750.00
780.00
6.65
38.25
24.38
1.31
3.40
800.00
830.00
6.97
35.97
23.21
1.48
2.68
850.00
880.00
7.13
36.40
22.85
1.67
3.45
900.00
930.00
6.99
33.46
21.20
1.85
2.87
1000.00
1030.00
7.18
29.74
18.61
2.25
3.16
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500
13”
500,1000


Similar Part No. - ADE-R2ASKLH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R2ASK MINI-ADE-R2ASK Datasheet
308Kb / 2P
High Reliability Mixer
ADE-R2ASK+ MINI-ADE-R2ASK+ Datasheet
308Kb / 2P
High Reliability Mixer
More results

Similar Description - ADE-R2ASKLH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R30W+ MINI-ADE-R30W+ Datasheet
233Kb / 2P
High Reliability Mixer
ADE-R272MH MINI-ADE-R272MH Datasheet
236Kb / 2P
High Reliability Mixer High Reliability Mixer
logo
International Rectifier
ASA2812S IRF-ASA2812S Datasheet
104Kb / 5P
HYBRID-HIGH RELIABILITY HYBRID-HIGH RELIABILITY
logo
Inchange Semiconductor ...
2SC2166 ISC-2SC2166 Datasheet
187Kb / 2P
High Reliability
logo
Mini-Circuits
SYM-R252HW MINI-SYM-R252HW Datasheet
467Kb / 3P
High Reliability Mixer
ADE-R2ASK MINI-ADE-R2ASK Datasheet
308Kb / 2P
High Reliability Mixer
ADE-R11XLH MINI-ADE-R11XLH Datasheet
303Kb / 2P
High Reliability Mixer
ADE-R30W MINI-ADE-R30W Datasheet
302Kb / 2P
High Reliability Mixer
ADE-R30WLH MINI-ADE-R30WLH Datasheet
302Kb / 2P
High Reliability Mixer
ADEX-R10 MINI-ADEX-R10 Datasheet
299Kb / 2P
High Reliability Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com