Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7-4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FS7-4
Description  Flow Switches - Liquid
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS7-4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FS7-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS7-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
117
FLOW SWITCHES
Ordering Information
Model
Part
Weight
Number Number Description
lbs. (kg)
FS7-4
119700
Industrial flow switch
5.5 (2.5)
FS7-4D
119750
FS7-4 w/2 SPDT switches
5.7 (2.6)
FS7-4DF
119825
FS7-4D for sprinkler service (UL listed)
5.7 (2.6)
FS7-4DS
119760
FS7-4D w/Stainless steel
5.7 (2.6)
FS7-4F
119800
FS7-4 for sprinkler service (UL listed)
5.5 (2.5)
FS7-4F CAN 119801
FS7-4F ULC listed
5.5 (2.5)
FS7-4J
120060
FS7-4 w/ BSPT threads
5.5 (2.5)
FS7-4L
119900
FS7-4 w/extended paddle arm
5.5 (2.5)
FS7-4LJ
119980
FS7-4L w/BSPT threads
5.5 (2.5)
FS7-4S
120160
FS7-4 w/Stainless steel
5.0 (2.3)
FS7-4SJ
120171
FS7-4S w/BSPT threads
5.0 (2.3)
FS7-DSJ
120174
FS7-4S w/2 SPDT switches & BSPT threads 5.0 (2.3)
Flow Rates
Mode of Operation
Size NPT
Flow
No Flow
Model
in. (mm)
Settings
gpm (lpm)
gpm (lpm)
Factory or
1
1⁄4 (32)
Minimum
4.8
(18.2)
3
(11.4)
Maximum
7.7
(29.1)
5.9
(22.3)
Factory or
1
1⁄2 (40)
Minimum
6.3
(23.8)
3.6
(13.6)
Maximum
10
(37.9)
7
(26.5)
Factory or
2
(50)
Minimum
9.9
(37.5)
5.9
(22.3)
Maximum
15.8
(59.8)
11
(41.6)
Factory or
2
1⁄2 (60)
Minimum
15.3
(57.9)
9.5
(36)
Maximum
23.7
(89.7)
17
(64.3)
Factory or
3
(80)
Minimum
24.4
(92.4)
15.4 (58.3)
Maximum
35.5 (134.4)
29.2 (110.5)
Factory or
4 (100)
Minimum
33.3
(126)
21.1 (79.9)
Maximum
61.4 (232.4)
37.7 (142.7)
Factory or
FS7-4
5 (125)
Minimum
44.4 (168.1)
31
(117.3)
Maximum
84
(317.9)
51
(193)
Factory or
6 (150)
Minimum
56.3 (213.1)
48.7 (184.3)
Maximum
114.8 (434.5)
71
(270.6)
Factory or
8 (200)*
Minimum
104 (393.6)
89
(336.9)
Maximum
210 (794.9)
131 (495.8)
Factory or
10 (250)*
Minimum
184 (696.4)
157 (594.2)
Maximum
369
(1397)
231 (874.3)
Factory or
12 (300)*
Minimum
289
(1094)
247 (934.9)
Maximum
582
(2203)
363 (1374)
Factory or
14 (355)*
Minimum
387
(1465)
323 (1223)
Maximum
753
(2850)
495 (1874)
Factory or
16 (405)*
Minimum
513
(1942)
428 (1620)
Maximum
998
(3777)
656 (2483)
Factory or
20 (500)*
Minimum
520
(1968)
260
(984)
Maximum
780
(2952)
693 (2623)
Factory or
24 (600)*
Minimum
752
(2846)
376 (1423)
FS7-4L
Maximum
1128 (4269)
1002 (3793)
Factory or
30 (760)*
Minimum
1177 (4455)
589 (2229)
Maximum
1766 (6684)
1570(59842)
Factory or
36 (910)*
Minimum
1723 (6522)
861 (3259)
Maximum
2584 (9870)
2297 (8694)
Values are ± 10%
* Equipped with a 6" (152mm) paddle
NOTE: DO NOT USE LIQUID FLOW SWITCHES
ON SYSTEMS WITH FLOW GREATER
THAN 10 FEET (3M) PER SECOND.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com