Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7-4F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS7-4F
Description  Flow Switches - Liquid
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS7-4F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS7-4F Datasheet HTML 1Page - List of Unclassifed Manufacturers FS7-4F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
116
FLOW SWITCHES
HJ
K
L
M
N
NPT
4
18 (105)
1516 (24)
3
716 (87)
2
58 (67)
1
14 (32)
9
12 (241)
• Universal design serves the widest variety of large pipe
applications, including heating and hydronic systems,
air conditioning, refrigeration and process work
•1
14" (32mm) NPT
• Brass with sealed tube construction
• Single pole, double throw snap switch
• Magnetic switching mechanism eliminates need for
bellows
• Sensitivity adjusting screw makes flow adjustment easy
• Paddles can be trimmed to suit application needs
• Optional features
– Extended paddle arm
– Two SPDT switches to make or break two separate
circuits
– Stainless steel
– BSPT threads
– Sprinkler service (UL & ULC listed)
• Minimum temperature (fluid or ambient) 32°F (0°C)
• Maximum temperature 300°F (149°C)
• Maximum operating pressure
300 psi (7 kg/cm2)
1000 psi (70 kg/cm2) – Stainless Steel models
A
G
B
F
E
C
D
H J
L
K
M
N
2
3
4
5
6
DIA. HOLE
FOR ELEC.
CONNECTION
HEX.
PADDLE FOR
1-1/4" & 1-1/2"
(32 & 40mm) TEES
PADDLE
FOR 2" TO 5"
(50-125mm) PIPE
Packed loose
in carton.
Series FS7-4
Flow Switches – Liquid (continued)
Series FS7-4
Industrial Liquid Flow Switches
®
Dimensions, in. (mm)
AB
C
D
E
F
G
2
78 (73)
1
716 (37)
78 (22)
1
34 (45)
13
916 (345)
5
1316 (148)
3
38 (86)
Series FS7-4L
Electrical Ratings
Motor Switch Rating (Amperes)
Voltage
Full Load
Locked Rotor
Pilot Duty
120 VAC
7.4
44.4
125 VA at
240 VAC
3.7
22.2
120 or 240 VAC
50 or 60 cycles


Similar Part No. - FS7-4F

ManufacturerPart #DatasheetDescription
logo
DFI Inc
FS700 DFI-FS700 Datasheet
816Kb / 2P
NXP i.MX6 Series Qseven
FS700-M60-6D2041 DFI-FS700-M60-6D2041 Datasheet
816Kb / 2P
NXP i.MX6 Series Qseven
FS700-M60-6L2041 DFI-FS700-M60-6L2041 Datasheet
816Kb / 2P
NXP i.MX6 Series Qseven
FS700-M60-6L2081 DFI-FS700-M60-6L2081 Datasheet
816Kb / 2P
NXP i.MX6 Series Qseven
FS700-M60-6Q2081 DFI-FS700-M60-6Q2081 Datasheet
816Kb / 2P
NXP i.MX6 Series Qseven
More results

Similar Description - FS7-4F

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
Liquid Level Switches
F10-1D22-BKK MAGNETROL-F10-1D22-BKK Datasheet
363Kb / 28P
Flow Switches
logo
TT Electronics.
DS1434 TTELEC-DS1434 Datasheet
327Kb / 2P
Paddle Liquid Flow Switch
logo
Renesas Technology Corp
FS1023 RENESAS-FS1023 Datasheet
439Kb / 7P
Liquid Flow Sensor Module
FS1025 RENESAS-FS1025 Datasheet
715Kb / 6P
Liquid Flow Sensor Module
FS1027 RENESAS-FS1027 Datasheet
567Kb / 6P
Liquid Flow Sensor Module
FS1023-DL RENESAS-FS1023-DL Datasheet
481Kb / 12P
Liquid Flow Sensor Module
08/30/2022
FS1027-DL RENESAS-FS1027-DL Datasheet
491Kb / 12P
Liquid Flow Sensor Module
Jul 1, 2021
logo
List of Unclassifed Man...
F61 ETC-F61 Datasheet
153Kb / 1P
Flow Switches for Liquid
logo
Greystone Energy System...
GLFS1 GREYSTONE-GLFS1 Datasheet
129Kb / 1P
LIQUID FLOW SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com