Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSX-2 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # GSX-2
Description  High Frequency Miniature SM Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-2 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  GSX-2 Datasheet HTML 1Page - Golledge Electronics Ltd GSX-2 Datasheet HTML 2Page - Golledge Electronics Ltd GSX-2 Datasheet HTML 3Page - Golledge Electronics Ltd GSX-2 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GSX-2 2/4
v1.0
Frequency range
8.0 ~ 100.0MHz
Dimensions
7.5 x 5.0 x 1.1mm
Static capacitance
(C )
7pF max
Equivalent series
resistance
60Ω max (8.0~ 9.9MHz)
50Ω max (10.0 ~ 15.9MHz)
40Ω max (16.0 ~ 32.0MHz, fund)
60Ω max (28.0 ~ 84.0MHz, 3rd OT)
80Ω max (84.1 ~ 100MHz, 5th OT)
Ageing
±5ppm max first year
Test drive level
100µW
Soldering condition
260°C, 10 sec x2 max ..
To request a quotation for the GSX-2 please use the
configurable options form to choose the options you require
and then submit your configured product to our team. Our
expert advisers are always happy to help with your
requirements and can be contacted on +44 1460 256 100 or
at sales@golledge.com.
Following product selection you will be issued with a seven
character Golledge part number. Your Golledge part number is
the internationally accepted Golledge manufacturing part
number (MPN) that should be used for all project
documentation, including bills of materials (BoMs) and
purchase orders.
If you have any queries regarding any of our documentation
our dedicated sales team will be happy to help.
A:250 B:16 C:7.9 D:5.4 E:8 F:1.7 G:80 H:25
SPECIFICATIONS
0
PACKAGE DRAWING
ORDERING INFORMATION
TAPE & REEL SPECIFICATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com