Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28005 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL28005
Description  Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28005 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL28005 Datasheet HTML 8Page - Renesas Technology Corp ISL28005 Datasheet HTML 9Page - Renesas Technology Corp ISL28005 Datasheet HTML 10Page - Renesas Technology Corp ISL28005 Datasheet HTML 11Page - Renesas Technology Corp ISL28005 Datasheet HTML 12Page - Renesas Technology Corp ISL28005 Datasheet HTML 13Page - Renesas Technology Corp ISL28005 Datasheet HTML 14Page - Renesas Technology Corp ISL28005 Datasheet HTML 15Page - Renesas Technology Corp ISL28005 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ISL28005
FN6973 Rev 5.00
Page 13 of 16
October 24, 2013
Overall Accuracy (VOA %)
VOA is defined as the total output accuracy Referred-to-Output
(RTO). The output accuracy contains all offset and gain errors, at
a single output voltage. Equation 2 is used to calculate the %
total output accuracy.
where
VOUT Actual = VSENSE x GAIN
Example: Gain = 100, For 100mV VSENSE input we measure
10.1V. The overall accuracy (VOA) is 1% as shown in Equation 3.
Power Dissipation
It is possible to exceed the +150°C maximum junction
temperatures under certain load and power supply conditions. It
is therefore important to calculate the maximum junction
temperature (TJMAX) for all applications to determine if power
supply voltages, load conditions, or package type need to be
modified to remain in the safe operating area. These parameters
are related using Equation 4:
where:
•PDMAXTOTAL is the sum of the maximum power dissipation of
each amplifier in the package (PDMAX)
•PDMAX for each amplifier can be calculated using Equation 5:
where:
•TMAX = Maximum ambient temperature
•
JA = Thermal resistance of the package
•PDMAX = Maximum power dissipation of 1 amplifier
•VCC = Total supply voltage
•IqMAX = Maximum quiescent supply current of 1 amplifier
•VOUTMAX = Maximum output voltage swing of the application
•RL = Load resistance
FIGURE 30. TYPICAL APPLICATION CIRCUIT
gmHI
gmLO
1.35V
+
-
OUT
VCC
I = 2.86µA
GND
RS
RS-
RP
(1mΩ
TO
0.1Ω)
0.1VDC
TO
28VDC
+
-
CD
LOAD
CM
2.7VDC
TO
28VDC
RS+
VOA
100
VOUTactual VOUT
ected
exp
–
VOUT
ected
exp
------------------------------------------------------------------------------------



=
(EQ. 2)
(EQ. 3)
VOA
100
10.1 10
–
10
------------------------


1percent
==
TJMAX
TMAX JAxPDMAXTOTAL
+
=
(EQ. 4)
PDMAX
VS IqMAX VS
- VOUTMAX
VOUTMAX
RL
----------------------------
+
=
(EQ. 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com