Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3653 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC3653
Description  16V 3A 4-Switch Buck-Boost Charging/Discharging Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3653 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC3653 Datasheet HTML 1Page - E-CMOS Corporation EC3653 Datasheet HTML 2Page - E-CMOS Corporation EC3653 Datasheet HTML 3Page - E-CMOS Corporation EC3653 Datasheet HTML 4Page - E-CMOS Corporation EC3653 Datasheet HTML 5Page - E-CMOS Corporation EC3653 Datasheet HTML 6Page - E-CMOS Corporation EC3653 Datasheet HTML 7Page - E-CMOS Corporation EC3653 Datasheet HTML 8Page - E-CMOS Corporation EC3653 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
EC3653
E-CMOS Corp. (www.ecmos.com.tw)
7I11N-Rev. F001
16V 3A 4-Switch Buck-Boost Charging/Discharging Converter
4/12
Electrical Characteristics
VBUS=12V, TA=25
, unless otherwise stated
Item
Symbol
Condition
Min.
Typ.
Max.
Units
Power supply
VBAT voltage range
VBAT
3.0
16
V
VCC output voltage
VCC
IVCC=2mA
4.85
4.9
4.95
V
VCC output current limit
IVCC
VCC>2.7V
40
50
60
mA
Supply current in shut-down mode
IQ
VBAT=8V, EN=0V
40
50
60
µA
Controller
Switch frequency
Fsw
450
500
550
kHz
Switch minimum off time
Toff_min
80
100
120
ns
DE/STAT, CE/OLIM Logic HIGH
VENH
VBAT=8V
2.0
V
DE/STAT, CE/OLIM Logic LOW
VENL
VBAT=8V
0.4
V
Bucktop switch on-resistance
RdsbkTG
20
28
m
Buck bottom switchon-resistance
RdsbkBG
20
28
m
Boost top switch on-resistance
RdsbstTG
20
28
m
Boost bottom switch on-resistance
RdsbstBG
20
28
m
Charge
Floating BAT Voltage
VCV
VBATFB =GND,
EC3653
8.358
8.4
8.442
V
VBATFB =GND,
EC3653-1
8.656
8.7
8.743
V
VBATFB = VCC,
EC3653
12.53
12.6
12.67
V
VBATFB = VCC,
EC3653-1
12.98
13.05
13.12
V
Set by divider
resistance
3.0
-
16
V
BAT feedback voltage
VBATFB
External resistor divider
1.188
1.2
1.212
V
BAT Recharge threshold
VREC
VBATFB = GND
7.95
8.0
8.05
V
VBATFB = VCC
11.25
12.0
12.12
V
BAT recharge feedback threshold
VRECFB
1.136
1.143
1.15
V
CC mode charge current
ICC
RCS=10m ,
RISET1=2K
RISET2=1.5K
1.8
2
2.2
A
Charge termination current
ITER
RCS=10m ,
RISET1=2K
RISET2=1.5K
200
mA
Battery full charge deglitch time
TFULL
ICC< ITER
25
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com