Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8213 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8213
Description  Dual, High Voltage, Current Shunt Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8213 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8213 Datasheet HTML 6Page - Analog Devices AD8213 Datasheet HTML 7Page - Analog Devices AD8213 Datasheet HTML 8Page - Analog Devices AD8213 Datasheet HTML 9Page - Analog Devices AD8213 Datasheet HTML 10Page - Analog Devices AD8213 Datasheet HTML 11Page - Analog Devices AD8213 Datasheet HTML 12Page - Analog Devices AD8213 Datasheet HTML 13Page - Analog Devices AD8213 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet
AD8213
Rev. D | Page 13 of 14
BIDIRECTIONAL CURRENT SENSING
The AD8213 can also be configured to sense current in both
directions at the inputs. This configuration is useful in charge/
discharge applications. A typical connection diagram is shown
in Figure 31. In this mode, Channel 1 monitors ILOAD, and
Channel 2 monitors ICHARGE.
1
2
3
4
–IN2
+IN2
GND
OUT2
CF2
5
10
9
8
7
–IN1
+IN1
V+
OUT1
CF1
6
AD8213
CF2
CF1
5V
LOAD
CHARGER
BATTERY
RSHUNT
ILOAD
ICHARGE
Figure 31. Bidirectional Current Sensing
For applications requiring a bidirectional current measurement,
an optimal solution can be using a single channel device, which
offers the same functionality as the previous circuit. The AD8210
is a single channel current sensor featuring bidirectional capability.
The typical connection diagram for the AD8210 in bidirectional
applications is shown in Figure 32.
LOAD
CHARGER
BATTERY
RSHUNT
0.1µF
AD8210
OUTPUT
G = +20
+IN
–IN
V+
VREF1
VREF2
GND
ILOAD
ICHARGE
Figure 32. AD8210 in Bidirectional Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com