Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8215YRZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8215YRZ-R7
Description  High Voltage, Current Shunt Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8215YRZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8215YRZ-R7 Datasheet HTML 5Page - Analog Devices AD8215YRZ-R7 Datasheet HTML 6Page - Analog Devices AD8215YRZ-R7 Datasheet HTML 7Page - Analog Devices AD8215YRZ-R7 Datasheet HTML 8Page - Analog Devices AD8215YRZ-R7 Datasheet HTML 9Page - Analog Devices AD8215YRZ-R7 Datasheet HTML 10Page - Analog Devices AD8215YRZ-R7 Datasheet HTML 11Page - Analog Devices AD8215YRZ-R7 Datasheet HTML 12Page - Analog Devices AD8215YRZ-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Data Sheet
AD8215
Rev. B | Page 13 of 13
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AA
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
8°
0°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2441)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
Figure 31. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-8)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
AD8215YRZ
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8215YRZ-RL
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N], 13”Tape and Reel
R-8
AD8215YRZ-R7
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N], 7”Tape and Reel
R-8
AD8215WYRZ
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8215WYRZ-R7
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N], 7”Tape and Reel
R-8
AD8215WYRZ-RL
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N], 13”Tape and Reel
R-8
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD8215WYRZ models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.
©2008–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D07203-0-12/16(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com