Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8361ARMZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD8361ARMZ
Description  LF to 2.5 GHz TruPwr Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8361ARMZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8361ARMZ Datasheet HTML 10Page - Analog Devices AD8361ARMZ Datasheet HTML 11Page - Analog Devices AD8361ARMZ Datasheet HTML 12Page - Analog Devices AD8361ARMZ Datasheet HTML 13Page - Analog Devices AD8361ARMZ Datasheet HTML 14Page - Analog Devices AD8361ARMZ Datasheet HTML 15Page - Analog Devices AD8361ARMZ Datasheet HTML 16Page - Analog Devices AD8361ARMZ Datasheet HTML 17Page - Analog Devices AD8361ARMZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
AD8361
Data Sheet
Rev. F | Page 14 of 22
Figure 43. Input Coupling/Matching Options, Broadband Resistor Match
Figure 44. Input Coupling/Matching Options, Series Inductor Match
Figure 45. Input Coupling/Matching Options, Narrowband Reactive Match
Figure 46. Input Coupling/Matching Options, Attenuating the Input Signal
Table 5. Recommended Component Values for Resistive or
Inductive Input Matching (Figure 43 and Figure 44)
Frequency
Matching Component
100 MHz
63.4 Ω Shunt
800 MHz
75 Ω Shunt
900 MHz
75 Ω Shunt
1800 MHz
150 Ω Shunt or 4.7 nH Series
1900 MHz
150 Ω Shunt or 4.7 nH Series
2500 MHz
150 Ω Shunt or 2.7 nH Series
Alternatively, a reactive match can be implemented using a shunt
inductor to ground and a series capacitor, as shown in Figure 45. A
method for hand calculating the appropriate matching components
is shown on page 12 of the AD8306 data sheet.
Matching in this manner results in very small values for CM,
especially at high frequencies. As a result, a stray capacitance as
small as 1 pF can significantly degrade the quality of the match.
The main advantage of a reactive match is the increase in
sensitivity that results from the input voltage being gained up
(by the square root of the impedance ratio) by the matching
network. Table 6 shows the recommended values for reactive
matching.
Table 6. Recommended Values for a Reactive Input
Matching (Figure 45)
Frequency (MHz)
CM (pF)
LM (nH)
100
16
180
800
2
15
900
2
12
1800
1.5
4.7
1900
1.5
4.7
2500
1.5
3.3
Input Coupling Using a Series Resistor
Figure 46 shows a technique for coupling the input signal into
the AD8361 that may be applicable where the input signal is
much larger than the input range of the AD8361. A series
resistor combines with the input impedance of the AD8361 to
attenuate the input signal. Because this series resistor forms a
divider with the frequency dependent input impedance, the
apparent gain changes greatly with frequency. However, this
method has the advantage of very little power being tapped off
in RF power transmission applications. If the resistor is large
compared to the transmission line’s impedance, then the VSWR
of the system is relatively unaffected.
Figure 47. Input Impedance vs. Frequency, Supply 3 V, SOT-23
Selecting the Filter Capacitor
The AD8361’s internal 27 pF filter capacitor is connected in
parallel with an internal resistance that varies with signal level
from 2 kΩ for small signals to 500 Ω for large signals. The
resulting low-pass corner frequency between 3 MHz and
12 MHz provides adequate filtering for all frequencies above
240 MHz (i.e., 10 times the frequency at the output of the
squarer, which is twice the input frequency). However, signals
with high peak-to-average ratios, such as CDMA or W-CDMA
signals, and low frequency components require additional
filtering. TDMA signals, such as GSM, PDC, or PHS, have a
peak-to average ratio that is close to that of a sinusoid, and the
internal filter is adequate.
AD8361
RFIN
RFIN
RSH
CC
AD8361
RFIN
RFIN
LM
CC
AD8361
RFIN
RFIN
CC
CM
LM
AD8361
RFIN
RFIN
CC
RSERIES
FREQUENCY (MHz)
200
0
500
100
0
250
150
50
1000
1500
2000
2500
3000
3500
0.2
0.5
0.8
1.1
1.4
1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com