Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S34MS08G2 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # S34MS08G2
Description  8 Gb, 4-Bit ECC, x8 I/O and 1.8 V VCC NAND Flash Memory for Embedded
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S34MS08G2 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button S34MS08G2 Datasheet HTML 9Page - Cypress Semiconductor S34MS08G2 Datasheet HTML 10Page - Cypress Semiconductor S34MS08G2 Datasheet HTML 11Page - Cypress Semiconductor S34MS08G2 Datasheet HTML 12Page - Cypress Semiconductor S34MS08G2 Datasheet HTML 13Page - Cypress Semiconductor S34MS08G2 Datasheet HTML 14Page - Cypress Semiconductor S34MS08G2 Datasheet HTML 15Page - Cypress Semiconductor S34MS08G2 Datasheet HTML 16Page - Cypress Semiconductor S34MS08G2 Datasheet HTML 17Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Document Number: 002-00515 Rev. *G
Page 13 of 17
S34MS08G2
8.3
Pin Capacitance
Note
16. For the stacked devices version the Input is 10 pF x [number of stacked chips] and the Input/Output is 10 pF x [number of stacked chips].
8.4
Power Consumptions and Pin Capacitance for Allowed Stacking
Configurations
When multiple dies are stacked in the same package, the power consumption of the stack will increase according to the number of
chips. As an example, the standby current is the sum of the standby currents of all the chips, while the active power consumption
depends on the number of chips concurrently executing different operations.
When multiple dies are stacked in the same package the pin/ball capacitance for the single input and the single input/output of the
combo package must be calculated based on the number of chips sharing that input or that pin/ball.
Table 8. Pin Capacitance (TA = 25°C, f=1.0 MHz)
Parameter
Symbol
Test Condition
Min
Max
Unit
Input
CIN
VIN = 0V
—
10
pF
Input / Output
CIO
VIL = 0V
—
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com