Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AJS170TS-DPG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AJS170TS-DPG
Description  SURFACE MOUNT LED LAMPS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AJS170TS-DPG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AJS170TS-DPG Datasheet HTML 1Page - List of Unclassifed Manufacturers AJS170TS-DPG Datasheet HTML 2Page - List of Unclassifed Manufacturers AJS170TS-DPG Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image



TEL: 852-26909605
FAX: 852-26909606



 
E-mail: grandhalo@hutchcity.com

!
!
!
!
SURFACE MOUNT LED LAMPS




GH-S170 Series Electro-Optical Characteristics:
VF (V)
λ (nm)
IV(mcd)
Code for parts
GH-XXXXX
Lighting
Color
Material
typ max
λD λP ∆λ
typ
Internal
Circuit
RSS170TS-ESE
Red

GaAlAs
1.80
2.30
643
660
25
19
RSS170TS-DPG
Red

AlGaInP
1.90
2.40
631
640
23
52
OLS170TS-DPG
Orange
 AlGaInP 1.90 2.40 624 634 25
67
OIS170TS-DPG
Orange
 AlGaInP 1.90 2.40 615 620 18
75
AJS170TS-DPG
Amber
 AlGaInP 1.90 2.40 605 610 25
52
ALS170TS-DPG
Amber
 AlGaInP 1.90 2.40 595 598 20
75
YVS170TS-DPE
Yellow
AlGaInP
2.00
2.50
593
594
32
57
YHS170TS-EPE
Yellow
GaAsP
2.10
2.50
587
586
37
7
GBS170TS-DPG
Green
 AlGaInP 2.10 2.60 578 575 18
37
GUS170TS-EPE
Green

GaP
2.25
2.70
572
567
32
17
GPS170TS-EPE
Green

GaP
2.20
2.70
573
567
30
15
GES170TS-IPG
Green

InGaN
3.20
3.80
527
525
40
120
GGS170TS-IPG
Green
InGaN
3.30
4.00
509
505
37
120
BJS170TS-JPH
Blue
InGaN
 3.40 4.00 465 460 68
36
BVS170TS-EPC
Blue
GaN/SiC
 4.00 4.50 465 430 60
8
!
!
!
!
Package Outline Drawing:
NOTES: 1. All dimensions are in millimeters (inches);
2. Tolerance are
±0.1mm (0.004inch) unless otherwise noted;
3. Resin color: water clear.

!
!
!
!
Recommended Soldering Pattern For Reflow
Soldering
!
!
!
!
Absolute Maximum Ratings:
Series
IF(mA)
!
!
!
!
IFP(mA)
VR (V)
TOP(C)
TST(C)
GH-S170 Series
30
120
5
2080
20100
!
!
!
!
Condition for IFP is pulse of 1/10 duty and 0.1msec width

!
!
!
!
Recommended Reflow Soldering Profile.

!
!
!
!
Soldering iron
Basic spec is ! 5sec when 260
. If temperature is higher, time should
be shorter(+10
" -1sec ).Power dissipation of iron should be smaller than
15W,and temperatures should be controllable .Surface temperature of the
device should be under 230
.



  


Similar Description - AJS170TS-DPG

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
GH-S133 YSTONE-GH-S133 Datasheet
374Kb / 1P
SURFACE MOUNT LED LAMPS
logo
Kingbright Corporation
KM-23 KINGBRIGHT-KM-23 Datasheet
882Kb / 8P
SURFACE MOUNT LED LAMPS
logo
A-BRIGHT Inc
42-21UYC-S530-A4 A-BRIGHT-42-21UYC-S530-A4 Datasheet
321Kb / 5P
SURFACE MOUNT LED LAMPS
2006/10/18
61-23SWC A-BRIGHT-61-23SWC Datasheet
375Kb / 6P
SURFACE MOUNT LED LAMPS
61-23UWC A-BRIGHT-61-23UWC Datasheet
399Kb / 6P
SURFACE MOUNT LED LAMPS
61-24UWC A-BRIGHT-61-24UWC Datasheet
345Kb / 6P
SURFACE MOUNT LED LAMPS
61-26UWC A-BRIGHT-61-26UWC Datasheet
341Kb / 6P
SURFACE MOUNT LED LAMPS
62-217BSW1C1 A-BRIGHT-62-217BSW1C1 Datasheet
625Kb / 8P
SURFACE MOUNT LED LAMPS
62-217BUW1C1 A-BRIGHT-62-217BUW1C1 Datasheet
625Kb / 8P
SURFACE MOUNT LED LAMPS
42-21UYC-S530-A4 A-BRIGHT-42-21UYC-S530-A4_15 Datasheet
321Kb / 5P
SURFACE MOUNT LED LAMPS
2006/10/18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com